Electronic Components Datasheet Search
  English  ▼

X  

W3030 Datasheet(PDF) 4 Page - Agere Systems

Part # W3030
Description  W3030 3 V Dual-Mode IF Cellular Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

W3030 Datasheet(HTML) 4 Page - Agere Systems

  W3030 Datasheet HTML 1Page - Agere Systems W3030 Datasheet HTML 2Page - Agere Systems W3030 Datasheet HTML 3Page - Agere Systems W3030 Datasheet HTML 4Page - Agere Systems W3030 Datasheet HTML 5Page - Agere Systems W3030 Datasheet HTML 6Page - Agere Systems W3030 Datasheet HTML 7Page - Agere Systems W3030 Datasheet HTML 8Page - Agere Systems W3030 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet
W3030 3 V Dual-Mode IF Cellular Receiver
April 1999
Lucent Technologies Inc.
4
Description (continued)
1 k
Ω
48 k
Ω
50 k
Ω
2 k
Ω
1 k
Ω
50 k
Ω
49 k
Ω
50 k
Ω
2 k
Ω
48 k
Ω
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
RSSI
AUDIO
QUAD
IFAOUT
IFAACG
IFAIN
IFAIN
VCC2
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
CLK
Q
Q
ENBA
ENBD
IF1IN
IF1IN
VCC1
AGC AMP I/Q DEMODULATOR
FIRST IF MIXER/AMPLIFIER
10 MHz—1000 MHz
SECOND IF AMP
0.2 MHz—2.0 MHz
FM
DEMOD &
RSSI
ANALOG SECOND
IF LIMITER
1 k
Ω
÷4
Figure 2. Detailed Block Diagram with Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com