Electronic Components Datasheet Search
  English  ▼

X  

C3028 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C3028
Description  TYPE CMP/FT6 LOW-CAP CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C3028 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C3028 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C3028
Date:
7/25/2007
Revision Level:
6
2P 24 7/32 TC FEP OAS PVDF
TYPE CMP/FT6 LOW-CAP CABLE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Pairing
#24 AWG 7/32 Tinned Copper
0.012" Wall FEP
0.010"Wall PVDF – Natural
0.024” nom.
CAROL (R) 24 AWG -- C3028 -- 150C E111240-8 CMP (UL) C(UL) -- SHIELDED LO-CAP --
MADE IN USA
2 pairs @ 2.00” LHL, aluminum/polypro (foil in)
0.137" nom.
-Plenum ripcord under jacket.
0.048" nom.
0.159" +/- 0.008"
4 conductors into 2 pairs @ 1.75” LHL.
& # 24 7/32 TC drain wire.
0.079" nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
150 C
300 Vrms
25.7 Ohms/1000 ft. nom. @ 20C
National Electrical Code
Article 800
UL Standard 444
Type CMP (UL) c(UL)
1
2
Black & Yellow
Red & Purple
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - C3028

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
C3028LD VBSEMI-C3028LD Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
C3028LD BYCHIP-C3028LD Datasheet
1Mb / 8P
N-Channel and P-Channel Enhancement Mode Power MOSFET
v1.0
More results

Similar Description - C3028

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3029 GENERAL-C3029 Datasheet
74Kb / 1P
TYPE CMP LOW-CAP CABLE
C3030 GENERAL-C3030 Datasheet
74Kb / 1P
TYPE CMP LOW-CAP CABLE
C3031 GENERAL-C3031 Datasheet
74Kb / 1P
TYPE CMP LOW-CAP CABLE
C3060 GENERAL-C3060 Datasheet
74Kb / 1P
TYPE CMP
C3062 GENERAL-C3062 Datasheet
74Kb / 1P
TYPE CMP / CL3P
C3064 GENERAL-C3064 Datasheet
74Kb / 1P
TYPE CMP / CL3P
C3102 GENERAL-C3102 Datasheet
73Kb / 1P
TYPE CL2P / CMP
C3121 GENERAL-C3121 Datasheet
73Kb / 1P
TYPE CMP / CL3P
C3122 GENERAL-C3122 Datasheet
73Kb / 1P
TYPE CMP / CL3P
C3123 GENERAL-C3123 Datasheet
74Kb / 1P
TYPE CMP / CL3P
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com