Electronic Components Datasheet Search
  English  ▼

X  

PE34286 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE34286
Description  SMA Male to SMA Male Precision Cable Using 150 Series Coax RoHS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34286 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE34286 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to SMA Male Precision Cable Using 150 Series Coax, RoHS
Configuration
Connector 1
SMA Male
Connector 2
SMA Male
Cable Type
150 Series
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,900
Typical Performance by Frequency
Frequency 1
Frequency, GHz
2
VSWR
1.05:1
Insertion Loss
0.17 dB/ft [ 0.56 dB/m ]
Frequency 2
Frequency, GHz
6
VSWR
1.13:1
Insertion Loss
0.3 dB/ft [ 0.98 dB/m ]
Frequency 3
Frequency, GHz
10
VSWR
1.11:1
Insertion Loss
0.4 dB/ft [ 1.31 dB/m ]
Frequency 4
Frequency, GHz
14
VSWR
1.12:1
Insertion Loss
0.55 dB/ft [ 1.8 dB/m ]
Frequency 5
Frequency, GHz
16
VSWR
1.19:1
Insertion Loss
0.6 dB/ft [ 1.97 dB/m ]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Precision Cable Using 150 Series Coax, RoHS PE34286
PE34286 REV
PE34286
SMA Male to SMA Male Precision Cable
Using 150 Series Coax, RoHS


Similar Part No. - PE34286

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34286-12 PASTERNACK-PE34286-12 Datasheet
234Kb / 4P
SMA Male to SMA Male Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
PE34286-18 PASTERNACK-PE34286-18 Datasheet
234Kb / 4P
SMA Male to SMA Male Precision Cable 18 Inch Length Using 150 Series Coax, RoHS
PE34286-24 PASTERNACK-PE34286-24 Datasheet
234Kb / 4P
SMA Male to SMA Male Precision Cable 24 Inch Length Using 150 Series Coax, RoHS
PE34286-30 PASTERNACK-PE34286-30 Datasheet
234Kb / 4P
SMA Male to SMA Male Precision Cable 30 Inch Length Using 150 Series Coax, RoHS
PE34286-36 PASTERNACK-PE34286-36 Datasheet
234Kb / 4P
SMA Male to SMA Male Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
More results

Similar Description - PE34286

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34286-6 PASTERNACK-PE34286-6 Datasheet
234Kb / 4P
SMA Male to SMA Male Precision Cable 6 Inch Length Using 150 Series Coax, RoHS
PE34286-12 PASTERNACK-PE34286-12 Datasheet
234Kb / 4P
SMA Male to SMA Male Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
PE34286-18 PASTERNACK-PE34286-18 Datasheet
234Kb / 4P
SMA Male to SMA Male Precision Cable 18 Inch Length Using 150 Series Coax, RoHS
PE34286-24 PASTERNACK-PE34286-24 Datasheet
234Kb / 4P
SMA Male to SMA Male Precision Cable 24 Inch Length Using 150 Series Coax, RoHS
PE34286-60 PASTERNACK-PE34286-60 Datasheet
228Kb / 4P
SMA Male to SMA Male Precision Cable 60 Inch Length Using 150 Series Coax, RoHS
PE34286-72 PASTERNACK-PE34286-72 Datasheet
234Kb / 4P
SMA Male to SMA Male Precision Cable 72 Inch Length Using 150 Series Coax, RoHS
PE33231 PASTERNACK-PE33231 Datasheet
271Kb / 4P
SMA Male to N Male Precision Cable Using 150 Series Coax, RoHS
PE3790 PASTERNACK-PE3790 Datasheet
238Kb / 3P
SMA Male to SMA Male Precision Cable Using 165 Series Coax, RoHS
PE35418 PASTERNACK-PE35418 Datasheet
241Kb / 4P
SMA Male to SMA Male Right Angle Precision Cable Using 150 Series Coax, RoHS
PE300 PASTERNACK-PE300 Datasheet
332Kb / 4P
SMA Male to SMA Male Precision Cable Using 160 Series Coax, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com