Electronic Components Datasheet Search
  English  ▼

X  

D83C Datasheet(PDF) 1 Page - Bi technologies

Part # D83C
Description  Single-In-Line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

D83C Datasheet(HTML) 1 Page - Bi technologies

  D83C Datasheet HTML 1Page - Bi technologies D83C Datasheet HTML 2Page - Bi technologies D83C Datasheet HTML 3Page - Bi technologies D83C Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model D Series
• 4 to 14 Leads
• Multiple circuit configurations
• Space saving design
Reverse Voltage, VR
80V
Reverse Current, IR
1.0 µA (VR = 70V)
Forward Current, IF
100mA Average, 300mA Surge (1µS Max.)
Forward Voltage, VF
1.2V @ IF = 100mA
Package Power, PPKG
200mW @ 25
o C
Reverse Recovery Time, trr
4ns (VR = 6V, IF = 5mA, RL = 50Ω)
Capacitance, C
5.5pF (VR = 6V, f = 1MHz)
Storage Temperature Range
- 55oC to 125oC
Operating Temperature Range
- 25oC to 80oC
Specifications subject to change without notice.
DIODE NETWORKS D SERIES
Single-In-Line
Conformal Coated
RoHS Compliant
FEAT URES
SPCIFICATION


Similar Part No. - D83C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
D83 FUJI-D83 Datasheet
73Kb / 4P
SCHOTTKY BARRIER DIODE
D83-004 FUJI-D83-004 Datasheet
73Kb / 4P
SCHOTTKY BARRIER DIODE
D83-006 FUJI-D83-006 Datasheet
747Kb / 6P
Schottky Barrier Diode
logo
Jiangsu Donghai Semicon...
D830 WXDH-D830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
logo
Harwin Plc
D83020B-06 HARWIN-D83020B-06 Datasheet
117Kb / 1P
OW PROFILE SMT PLCC SOCKET
04.08.95
More results

Similar Description - D83C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D25XB ETC2-D25XB Datasheet
349Kb / 3P
Single In-line Package
logo
Shindengen Electric Mfg...
D2SB60A SHINDENGEN-D2SB60A_17 Datasheet
414Kb / 4P
Single In-line Package
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
Single In-line Package
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
Single In-line Package
D3SBA60 SHINDENGEN-D3SBA60_17 Datasheet
439Kb / 4P
Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
Single In-line Package
D25XB60 SHINDENGEN-D25XB60_17 Datasheet
439Kb / 4P
Single In-line Package
D4SBS6 SHINDENGEN-D4SBS6_17 Datasheet
654Kb / 4P
Single In-line Package
logo
Meder Electronic
SIL MEDER-SIL Datasheet
511Kb / 4P
Single-In-Line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com