Electronic Components Datasheet Search
  English  ▼

X  

IXTP80N10T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP80N10T
Description  TrenchMVTM Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP80N10T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP80N10T Datasheet HTML 1Page - IXYS Corporation IXTP80N10T Datasheet HTML 2Page - IXYS Corporation IXTP80N10T Datasheet HTML 3Page - IXYS Corporation IXTP80N10T Datasheet HTML 4Page - IXYS Corporation IXTP80N10T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
100
V
V
DGR
T
J
= 25
°C to 175°C, R
GS = 1MΩ
100
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
80
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
220
A
I
A
T
C = 25°C25
A
E
AS
T
C = 25°C
400
mJ
P
D
T
C = 25°C
230
W
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 175°C
10
V/ns
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-220)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
DS99648A(11/09)
IXTA80N10T
IXTP80N10T
V
DSS
=
100V
I
D25
=
80A
R
DS(on) ≤
≤≤≤≤
14m
Ω
Ω
Ω
Ω
Ω
TrenchMVTM
Power MOSFET
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-263 AA (IXTA)
G D
S
TO-220AB (IXTP)
D (Tab)
G
S
D (Tab)
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
105
V
V
GS(th)
V
DS = VGS, ID = 100μA
2.5
5.0
V
I
GSS
V
GS = ± 20V, VDS = 0V
± 200 nA
I
DSS
V
DS = 105V, VGS= 0V
5
μA
T
J = 150°C
150 μA
R
DS(on)
V
GS = 10V, ID = 25A, Note 1 & 2
14 m
Ω
Features
International Standard Packages
175°C Operating Temperature
Avalanche Rated
High Current Handling Capability
Fast Intrinsic Diode
Low R
DS(on)
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
Automotive
- Motor Drives
- DC/DC Conversion
- 42V Power Bus
- ABS Systems
DC/DC Converters and Off-Line UPS
Primary Switch for 24V and 48V
Systems
High Current Switching Applications
Distributed Power Architechtures
and VRMs
Electronic Valve Train Systems


Similar Part No. - IXTP80N10T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP80N10T ISC-IXTP80N10T Datasheet
245Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP80N10T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP130N10T IXYS-IXTP130N10T Datasheet
154Kb / 5P
TrenchMVTM Power MOSFET
IXTQ200N10T IXYS-IXTQ200N10T Datasheet
175Kb / 5P
TrenchMVTM Power MOSFET
IXTA220N055T IXYS-IXTA220N055T Datasheet
220Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTH160N10T IXYS-IXTH160N10T Datasheet
192Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA160N075T IXYS-IXTA160N075T Datasheet
179Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA180N10T7 IXYS-IXTA180N10T7 Datasheet
203Kb / 5P
PreliminaryTechnical Information TrenchMVTM Power MOSFET
IXTY44N10T IXYS-IXTY44N10T Datasheet
203Kb / 5P
TrenchMVTM Power MOSFET
IXTF280N055T IXYS-IXTF280N055T Datasheet
63Kb / 2P
TrenchMVTM Power MOSFET
IXTN200N10T IXYS-IXTN200N10T Datasheet
174Kb / 5P
TrenchMVTM Power MOSFET
IXTP180N085T IXYS-IXTP180N085T Datasheet
219Kb / 5P
TrenchMVTM Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com