Electronic Components Datasheet Search
  English  ▼

X  

C3113 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C3113
Description  TYPE CMP / CL3P
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C3113 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C3113 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C3113
Date:
7/7/2007
Revision Level:
0
4C 18 7/26 BC FLEX FLEX
TYPE CMP / CL3P
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#18 AWG 7/26 Bare Copper
0.008" Wall FLEXGUARD*
0.015"Wall FLEXGUARD* - Natural
0.047" nom.
CAROL (R) 18 AWG -- C3113 -- 75C E60233-8 (UL) CL3P --- C(UL) CMP -- MADE IN USA
DATE CODE
(PRINT EVERY 2 FT)
4 Conductors @ 4.00" LHL.
0.152" nom.
-Plenum ripcord under jacket.
0.063" nom.
0.182" +/- 0.009"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
75C
150 Vrms (CL3P) / 300Vrms (CMP)
5.6 Ohms/1000 ft. nom. @ 20C
National Electrical Code
Article 725
UL Standard 13
Type CL3P
National Electrical Code
Article 800
UL Standard 444
Type CMP
1
2
3
4
Black
White
Red
Green
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - C3113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C311 ETC2-C311 Datasheet
696Kb / 4P
MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Intronics Power, Inc.
C311 INTRONICS-C311 Datasheet
646Kb / 4P
MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Coilcraft lnc.
C311 COILCRAFT-C311 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C311 COILCRAFT-C311 Datasheet
100Kb / 1P
Designer’s Kits
logo
General Cable Technolog...
C3110 GENERAL-C3110 Datasheet
73Kb / 1P
TYPE CMP / CL3P
More results

Similar Description - C3113

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3062 GENERAL-C3062 Datasheet
74Kb / 1P
TYPE CMP / CL3P
C3063 GENERAL-C3063 Datasheet
74Kb / 1P
TYPE CMP / CL3P
C3064 GENERAL-C3064 Datasheet
74Kb / 1P
TYPE CMP / CL3P
C3065 GENERAL-C3065 Datasheet
74Kb / 1P
TYPE CMP / CL3P
C3110 GENERAL-C3110 Datasheet
73Kb / 1P
TYPE CMP / CL3P
C3118 GENERAL-C3118 Datasheet
73Kb / 1P
TYPE CMP / CL3P
C3121 GENERAL-C3121 Datasheet
73Kb / 1P
TYPE CMP / CL3P
C3122 GENERAL-C3122 Datasheet
73Kb / 1P
TYPE CMP / CL3P
C3123 GENERAL-C3123 Datasheet
74Kb / 1P
TYPE CMP / CL3P
C3124 GENERAL-C3124 Datasheet
74Kb / 1P
TYPE CMP / CL3P
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com