Electronic Components Datasheet Search
  English  ▼

X  

PE7357-6 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7357-6
Description  6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7357-6 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7357-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7357-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7357-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
SMA Male
Connector 2
SMA Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
6 to 6
Maximum Input Power, Watts
25
Maximum VSWR
1.6:1
Frequency 1
Range, GHz
DC to 6
Insertion Loss, dB
6
VSWR
1.3:1
Attenuation Accuracy, dB
0.5
Maximum Input Power, Watts
25
Frequency 2
Range, GHz
6 to 12.4
VSWR
1.45:1
Attenuation Accuracy, dB
0.75
Frequency 3
Range, GHz
12.4 to 18
VSWR
1.6:1
Attenuation Accuracy, dB
1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
4.5 [114.3]
Width, in [mm]
2.41 [61.21]
.
Weight, lbs [g]
0.8 [362.87]
6 dB Fixed Attenuator, SMA Male To SMA
Female Rated To 25 Watts Up To 18 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz PE7357-6
PE7357-6
PE7357-6 REV NC


Similar Part No. - PE7357-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7357-10 PASTERNACK-PE7357-10 Datasheet
328Kb / 3P
10 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-20 PASTERNACK-PE7357-20 Datasheet
328Kb / 3P
20 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-3 PASTERNACK-PE7357-3 Datasheet
328Kb / 3P
3 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-30 PASTERNACK-PE7357-30 Datasheet
328Kb / 3P
30 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-40 PASTERNACK-PE7357-40 Datasheet
328Kb / 3P
40 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
More results

Similar Description - PE7357-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7018-6 PASTERNACK-PE7018-6 Datasheet
266Kb / 3P
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7018-10 PASTERNACK-PE7018-10 Datasheet
265Kb / 3P
10 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7018-3 PASTERNACK-PE7018-3 Datasheet
265Kb / 3P
3 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7018-2 PASTERNACK-PE7018-2 Datasheet
266Kb / 3P
2 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7018-1 PASTERNACK-PE7018-1 Datasheet
265Kb / 3P
1 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-20 PASTERNACK-PE7357-20 Datasheet
328Kb / 3P
20 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-30 PASTERNACK-PE7357-30 Datasheet
328Kb / 3P
30 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-3 PASTERNACK-PE7357-3 Datasheet
328Kb / 3P
3 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-10 PASTERNACK-PE7357-10 Datasheet
328Kb / 3P
10 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7363-6 PASTERNACK-PE7363-6 Datasheet
328Kb / 3P
6 dB Fixed Attenuator, SMA Female To SMA Female Rated To 25 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com