Electronic Components Datasheet Search
  English  ▼

X  

PE7357-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7357-20
Description  20 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7357-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7357-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7357-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7357-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 1
Type
SMA Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
Gold
Coupling Nut Material and Plating
Stainless Steel, Passivated
Coupling Nut Plating Specification
Stainless Steel
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
Passivated
Connector 2
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Stainless Steel, Passivated
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/20db-fixed-sma-male-sma-female-25-watts-attenuator-pe7357-20-p.aspx
20 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
20 dB Fixed Attenuator, SMA Male To SMA
Female Rated To 25 Watts Up To 18 GHz
PE7357-20
PE7357-20 REV NC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com