Electronic Components Datasheet Search
  English  ▼

X  

1616 Datasheet(PDF) 1 Page - THOR communications

Part # 1616
Description  Dead Blow Nylon Hammers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

1616 Datasheet(HTML) 1 Page - THOR communications

  1616 Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ø Of Face
Weight
Price Each
Model
(mm)
(in)
(gm)
Order Code
1010
32
11⁄4
525
138-1112
1212
38
11⁄2
750
138-1113
1414
44
13⁄4
950
138-1115
1616
50
2
1250
138-1138
2020
63
21⁄2
2000
138-1139
Ø Of Face
Nylon
Price Each
(mm)
(in)
Order Code
32
11⁄4
106-559
38
11⁄2
106-562
44
13⁄4
106-564
50
2
138-1099
63
21⁄2
138-1137
Ø Of Face
Polyurethane
Price Each
(mm)
(in)
Order Code
32
11⁄4
138-1150
38
11⁄2
106-563
44
13⁄4
106-565
50
2
138-1151
63
21⁄2
138-1152
Dead Blow Nylon Hammers
Die-cast one piece head and handle of
aluminium alloy. Fitted with shock absorb-
ent rubber grip. Screw-in faces of special
nylon. The hollow head is partially filled
with shot which adds to the weight and
prevents re-bound. Allowing heavy and ef-
fective blows with maximum impact con-
trol.
495312
Replacement Faces


Similar Part No. - 1616

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1616 UTC-1616 Datasheet
39Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
logo
List of Unclassifed Man...
1616 ETC2-1616 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
logo
Infinite Electronics In...
1616 L-COM-1616 Datasheet
48Kb / 1P
CON, N-MALE R/A CRIMP LMR600
5/4/10
logo
Abbatron All Rights Res...
1616 ABBATRON-1616 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
E-T-A Elektrotechnische...
1616-21-10A E-T-A-1616-21-10A Datasheet
248Kb / 4P
Thermal Automotive Circuit Breaker 1616-...
More results

Similar Description - 1616

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
3AB BEL-3AB Datasheet
96Kb / 2P
Fast Blow Fuse Series
logo
Cooper Bussmann, Inc.
14004-2 COOPER-14004-2 Datasheet
55Kb / 1P
Dead Front Terminal Blocks
logo
Littelfuse
00DF030.ZXB LITTELFUSE-00DF030.ZXB Datasheet
177Kb / 1P
600V DEAD FRONT HOLDER
logo
Protek Devices
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
slow blow fuses
logo
List of Unclassifed Man...
80050 ETC2-80050 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
SLOW BLOW FUSES
logo
IXYS Corporation
IX21844 IXYS-IX21844 Datasheet
307Kb / 14P
Programmable Dead-Time
logo
TE Connectivity Ltd
KUEP TEC-KUEP Datasheet
337Kb / 3P
Magnetic blow-out
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
Slow Blow
logo
Yuechung International ...
YIC51612EBGGBL5-DR YIC-YIC51612EBGGBL5-DR Datasheet
1Mb / 23P
Dead Reckoning GNSS Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com