Electronic Components Datasheet Search
  English  ▼

X  

C3126 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C3126
Description  TYPE CL2P
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C3126 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C3126 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C3126
Date:
7/7/2007
Revision Level:
0
2C 14 19/.0147 BC FLEX PVDF
TYPE CL2P
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#14 AWG 19/.0147 Bare Copper
0.010" Wall FLEXGUARD*
0.010"Wall PVDF – Natural
0.070” nom.
CAROL (R) - - 14 AWG - - 60C E63869-S CL2P (UL) - - MADE IN USA
DATE CODE
(PRINT EVERY 2 FT)
2 Conductors @ 4.00" LHL.
0.148" nom.
-Plenum ripcord under jacket.
0.090" nom.
0.168" +/- 0.008"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
60C
150 Vrms (CL2P)
2.6 Ohms/1000 ft. nom. @ 20C
National Electrical Code
Article 725
UL Standard 13
Type CL2P
1
2
Black
White
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - C3126

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C312 ETC2-C312 Datasheet
696Kb / 4P
MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Intronics Power, Inc.
C312 INTRONICS-C312 Datasheet
646Kb / 4P
MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
General Cable Technolog...
C3120 GENERAL-C3120 Datasheet
73Kb / 1P
TYPE CMP / CL3P
C3121 GENERAL-C3121 Datasheet
73Kb / 1P
TYPE CMP / CL3P
C3122 GENERAL-C3122 Datasheet
73Kb / 1P
TYPE CMP / CL3P
More results

Similar Description - C3126

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3102 GENERAL-C3102 Datasheet
73Kb / 1P
TYPE CL2P / CMP
C3103 GENERAL-C3103 Datasheet
74Kb / 1P
TYPE CL2P / CMP
C3105 GENERAL-C3105 Datasheet
73Kb / 1P
TYPE CL2P
C3106 GENERAL-C3106 Datasheet
74Kb / 1P
TYPE CL2P
C3125 GENERAL-C3125 Datasheet
73Kb / 1P
TYPE CL2P
C3135 GENERAL-C3135 Datasheet
73Kb / 1P
2C 12 19/.0185 BC FLEX PVDF TYPE CL2P / CMP
C3190 GENERAL-C3190 Datasheet
73Kb / 1P
3C 18 7/26 BC FLEX PVDF TYPE CL2P / CMP
C3310 GENERAL-C3310 Datasheet
73Kb / 1P
3C 22 7/30 TC OAS FLEX PVDF TYPE CL2P
C3311 GENERAL-C3311 Datasheet
74Kb / 1P
6C 22 7/30 TC OAS FLEX PVDF TYPE CL2P
C3322 GENERAL-C3322 Datasheet
74Kb / 1P
4C 20 7/28 TC OAS FLEX PVDF TYPE CL2P
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com