Electronic Components Datasheet Search
  English  ▼

X  

MMFT960T1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMFT960T1
Description  MEDIUM POWER TMOS FET 300 mA 60 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMFT960T1 Datasheet(HTML) 2 Page - Motorola, Inc

  MMFT960T1 Datasheet HTML 1Page - Motorola, Inc MMFT960T1 Datasheet HTML 2Page - Motorola, Inc MMFT960T1 Datasheet HTML 3Page - Motorola, Inc MMFT960T1 Datasheet HTML 4Page - Motorola, Inc MMFT960T1 Datasheet HTML 5Page - Motorola, Inc MMFT960T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMFT960T1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0, ID = 10 µA)
V(BR)DSS
60
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 60 V, VGS = 0)
IDSS
—
—
10
µAdc
Gate–Body Leakage Current
(VGS = 15 Vdc, VDS = 0)
IGSS
—
—
50
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(VDS = VGS, ID = 1.0 mAdc)
VGS(th)
1.0
—
3.5
Vdc
Static Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 1.0 A)
RDS(on)
—
—
1.7
Ohms
Drain–to–Source On–Voltage
(VGS = 10 V, ID = 0.5 A)
(VGS = 10 V, ID = 1.0 A)
VDS(on)
—
—
—
—
0.8
1.7
Vdc
Forward Transconductance
(VDS = 25 V, ID = 0.5 A)
gfs
—
600
—
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 V V
0
Ciss
—
65
—
pF
Output Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
Coss
—
33
—
Transfer Capacitance
f = 1.0 MHz)
Crss
—
7.0
—
Total Gate Charge
(V
10 V I
1 0 A
Qg
—
3.2
—
nC
Gate–Source Charge
(VGS = 10 V, ID = 1.0 A,
VDS = 48 V)
Qgs
—
1.2
—
Gate–Drain Charge
VDS = 48 V)
Qgd
—
2.0
—
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%.
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
5
4
3
2
1
0
10
8
6
4
2
0
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
4 V
VGS = 10 V
1
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
0
10
8
6
4
2
0
TJ = – 55°C
TJ = 25°C
5 V
6 V
7 V
0.8
0.6
0.4
0.2
VDS = 10 V
TJ = 125°C
8 V
TJ = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com