Electronic Components Datasheet Search
  English  ▼

X  

AD9102BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9102BCPZ
Description  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9102BCPZ Datasheet HTML 17Page - Analog Devices AD9102BCPZ Datasheet HTML 18Page - Analog Devices AD9102BCPZ Datasheet HTML 19Page - Analog Devices AD9102BCPZ Datasheet HTML 20Page - Analog Devices AD9102BCPZ Datasheet HTML 21Page - Analog Devices AD9102BCPZ Datasheet HTML 22Page - Analog Devices AD9102BCPZ Datasheet HTML 23Page - Analog Devices AD9102BCPZ Datasheet HTML 24Page - Analog Devices AD9102BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
AD9102
Rev. 0 | Page 21 of 36
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2812
CLK+
50Ω
CLKN
CLKP
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
AD9102
Figure 39. Transformer Coupled Clock
DAC OUTPUT CLOCK EDGE
The DAC can be configured to output samples on the rising or
falling edge of the CLKP/CLKN clock input by configuring the
DAC_INV_CLK bit in the CLOCKCONFIG register (Register 0x02).
This functionality sets the DAC output timing resolution at
1/(2 × fCLKP/CLKN).
GENERATING SIGNAL PATTERNS
The AD9102 can generate three types of signal patterns under
control of its programmable pattern generator.
Continuous waveforms
Periodic pulse train waveforms that repeat indefinitely
Periodic pulse train waveforms that repeat a finite number
of times
RUN Bit
Setting the RUN bit in the PAT_STATUS register (Register 0x1E)
to 1 arms the AD9102 for pattern generation. Clearing this bit
shuts down the pattern generator as shown in Figure 43.
TRIGGER Pin
A falling edge on the TRIGGER pin starts the generation of a
pattern. If the RUN bit is set to 1, the falling edge of the TRIGGER
pin starts the pattern generation. As shown in Figure 41, the pattern
generator state goes to pattern on a number of CLKP/CLKN clock
cycles following the falling edge of the TRIGGER pin. This delay
is programmed in the PATTERN_DELAY bit field.
The rising edge on the TRIGGER pin is a request for termination
of pattern generation; see Figure 42.
PATTERN Bit (Read Only)
When the read only PATTERN bit in the PAT_STATUS register
is set to 1, it indicates that the pattern generator is in the pattern
on state. A 0 indicates that the pattern generator is in the
pattern off state.
Pattern Types
Continuous waveforms are output by the DAC for the
duration of the pattern on state of the pattern generator.
Continuous waveforms ignore pattern periods.
Periodic pulse trains that repeat indefinitely are waveforms
that are output once during each pattern period. Pattern
periods occur one after the other as long as the pattern
generator is in the pattern on state.
Periodic pulse trains that repeat a finite number of times
are the same as those that repeat indefinitely, except that
the waveforms are output during a finite number of
consecutive pattern periods.
PATTERN
EXECUTED
PATTERN
EXECUTED
PATTERN
EXECUTED
TRIGGER
DAC
PATTERN_PERIOD
START_DLY
DATA @
START_ADDR
DATA @
STOP_ADDR
Figure 40. Periodic Pulse Trains Output on All DACs
PATTERN GENERATOR PROGRAMMING
Figure 40 shows periodic pulse train waveforms as seen at the
output to each of the DACs. The waveform is generated in each
pattern period. The start delay (START_DLY) is the delay
between the start of each pattern period and the start of the
waveform. The DAC waveform is a digital signal stored in
SRAM and multiplied by the DAC digital gain factor. The
SRAM data is read using the DAC address counter.
Setting Pattern Period
Two register bit fields are used to set the pattern period. The
PAT_PERIOD_BASE field in the PAT_TIMEBASE register sets
the number of CLKP/CLKN clocks per PATTERN_PERIOD
LSB. The PATTERN_PERIOD is programmed in the
PAT_PERIOD register. The longest pattern period available is
65,535 × 16/fCLKP/N.
Setting Waveform Start Delay Base
The waveform start delay base is programmed in the
START_DELAY_BASE bits of the PAT_TIMEBASE register
(Register 0x28[3:0]). The START_DELAY register (Register 0x5C)
is described in the DAC Input Datapaths section. The start delay
base determines how many CLKP/CLKN clock cycles there are
per START_DELAY LSB.
tSU
tDLY = PATTERN_DELAY VALUE + 1
PATTERN
STARTS
TRIGGER
CLKP/
CLKN
PATTERN
GENERATOR
STATE
RUN BIT
PATTERN
GENERTAOR OFF
PATTERN
GENERTAOR ON
Figure 41. TRIGGER Pin Initiated Pattern Start with Pattern Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com