Electronic Components Datasheet Search
  English  ▼

X  

AD9675 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9675
Description  Octal Ultrasound AFE with JESD204B
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675 Datasheet(HTML) 1 Page - Analog Devices

  AD9675 Datasheet HTML 1Page - Analog Devices AD9675 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Octal Ultrasound AFE
with JESD204B
Preliminary Technical Data
AD9675
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© Analog Devices, Inc. All rights reserved.
FEATURES
8 channels of LNA, VGA, AAF, ADC, and digital RF decimator
Low power: 150 mW per channel, TGC mode, 40 MSPS;
65mW per channel, CW mode; <30mW at power-up
10 mm × 10 mm, 144-ball CSP-BGA
TGC channel input-referred noise: 0.8 nV/√Hz, max gain
Flexible power-down modes
Fast recovery from low power standby mode: <2 μs
Overload recovery: <10 ns
Low noise preamplifier (LNA)
Input-referred noise: 0.78 nV/√Hz, gain = 21.6 dB
Programmable gain: 15.6 dB/17.9 dB/21.6 dB
0.1 dB compression: 1000 mV p-p/750 mV p-p/450 mV p-p
Flexible active input impedance matching
Variable gain amplifier (VGA)
Attenuator range: 45dB, Linear-in-dB gain control
Postamp gain (PGA): 21 dB/24 dB/27 dB/30 dB
Antialiasing filter (AAF)
Programmable second-order LPF from 8 MHz to 18 MHz or
13.5MHz to 30MHz and HPF
Analog-to-digital converter (ADC)
SNR: 75dB, 14 bits up to 125 MSPS
JESD204B Subclass 0 coded serial digital outputs
CW mode harmonic rejection I/Q demodulator
Individual programmable phase rotation
Output dynamic range per channel: >160 dBc/√Hz
Output-referred SNR: 156 dBc/√Hz, 1 kHz offset, −3dBFS
RF digital high-pass filter and decimation by 2
GENERAL DESCRIPTION
The AD9675 is designed for low cost, low power, small size,
and ease of use for medical ultrasound. It contains eight
channels of a variable gain amplifier (VGA) with a low noise
preamplifier (LNA), a CW harmonic rejection I/Q demodulator
with programmable phase rotation, an anti-aliasing filter
(AAF), an analog-to-digital converter (ADC), a digital high-
pass filter and an RF decimation by 2.
Each channel features a maximum gain of up to 52 dB, a fully
differential signal path, and an active input preamplifier
termination. The channel is optimized for high dynamic
performance and low power in applications where a small
package size is critical.
The LNA has a single-ended-to-differential gain that is selectable
through the SPI. Assuming a 15 MHz noise bandwidth (NBW)
and a 21.6 dB LNA gain, the LNA input SNR is 94 dB. In CW
Doppler mode, each LNA output drives an I/Q demodulator
that has independently programmable phase rotation with 16
phase settings.
Power-down of individual channels is supported to increase
battery life for portable applications. Standby mode allows quick
power-up for power cycling. In CW Doppler operation, the
VGA, AAF, and ADC are powered down. The ADC contains
several features designed to maximize flexibility and minimize
system cost, such as a programmable clock, data alignment, and
programmable digital test pattern generation. The digital test
patterns include built-in fixed patterns, built-in pseudo random
patterns, and custom user-defined test patterns entered via the
serial port interface.
Figure 1.


Similar Part No. - AD9675

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9675 AD-AD9675 Datasheet
842Kb / 61P
Octal Ultrasound AFE with JESD204B
23-Feb-2017
AD9675KBCZ AD-AD9675KBCZ Datasheet
842Kb / 61P
Octal Ultrasound AFE with JESD204B
23-Feb-2017
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
Octal Ultrasound AFE with JESD204B
23-Feb-2017
More results

Similar Description - AD9675

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2036 MAXIM-MAX2036_1 Datasheet
614Kb / 25P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
logo
Analog Devices
AD9674 AD-AD9674 Datasheet
107Kb / 2P
Octal Ultrasound AFE with Digital Demodulator
Rev. Sp0
AD9670EBZ AD-AD9670EBZ Datasheet
78Kb / 2P
Octal Ultrasound AFE With Digital Demodulator
Rev. Sp0
logo
Texas Instruments
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
16-Channel Ultrasound AFE
logo
Analog Devices
AD9670 AD-AD9670_17 Datasheet
828Kb / 53P
Octal Ultrasound AFE with Digital Demodulator
08-Aug-2017
AD9671 AD-AD9671 Datasheet
937Kb / 61P
Octal Ultrasound AFE with Digital Demodulator
08-Aug-2017
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
Octal Ultrasound AFE with JESD204B
23-Feb-2017
logo
Maxim Integrated Produc...
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com