Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBCZRL Datasheet(PDF) 20 Page - Analog Devices

Part # AD9129BBCZRL
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZRL Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9129BBCZRL Datasheet HTML 16Page - Analog Devices AD9129BBCZRL Datasheet HTML 17Page - Analog Devices AD9129BBCZRL Datasheet HTML 18Page - Analog Devices AD9129BBCZRL Datasheet HTML 19Page - Analog Devices AD9129BBCZRL Datasheet HTML 20Page - Analog Devices AD9129BBCZRL Datasheet HTML 21Page - Analog Devices AD9129BBCZRL Datasheet HTML 22Page - Analog Devices AD9129BBCZRL Datasheet HTML 23Page - Analog Devices AD9129BBCZRL Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 20 of 68
IOUTFS = 33 mA, fDAC = 2.782 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
0
0.2
0.4
0.8
0.6
1.0
fOUT (GHz)
–40
–50
–80
–70
–60
–90
Figure 44. Second Harmonic vs. fOUT Performance for One DOCSIS Carrier
0
0.2
0.4
0.8
0.6
1.0
fOUT (GHz)
–40
–50
–80
–70
–60
–90
Figure 45. Second Harmonic vs. fOUT Performance for Four DOCSIS Carriers
0
0.2
0.4
0.8
0.6
1.0
fOUT (GHz)
–40
–80
–70
–60
–50
–90
Figure 46. Second Harmonic vs. fOUT Performance for Eight DOCSIS Carriers
0
0.2
0.4
0.8
0.6
1.0
fOUT (GHz)
–40
–80
–70
–60
–50
–90
Figure 47. Third Harmonic vs. fOUT Performance for One DOCSIS Carrier
0
0.2
0.4
0.8
0.6
1.0
fOUT (GHz)
–40
–80
–70
–60
–50
–90
Figure 48. Third Harmonic vs. fOUT Performance for Four DOCSIS Carriers
0
0.2
0.4
0.8
0.6
1.0
fOUT (GHz)
–40
–80
–70
–60
–50
–90
Figure 49. Third Harmonic vs. fOUT Performance for Eight DOCSIS Carriers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com