Electronic Components Datasheet Search
  English  ▼

X  

ADDI9020 Datasheet(PDF) 1 Page - Analog Devices

Part # ADDI9020
Description  60 MHz CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI9020 Datasheet(HTML) 1 Page - Analog Devices

  ADDI9020 Datasheet HTML 1Page - Analog Devices ADDI9020 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60 MHz CCD Signal Processor with
V-Driver and Precision Timing Generator
Data Sheet
ADDI9020
Rev. SpA
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.8 V analog/digital core
Integrated 12-channel vertical driver (V-driver)
12-bit, 60 MHz analog-to-digital converter (ADC)
Complete on-chip timing generator
Precision Timing core with ~260 ps resolution
Correlated double sampler (CDS) with variable gain
0 dB to 36 dB, 10-bit variable gain amplifier (VGA)
Black level clamp with variable level control
On-chip 3 V horizontal and reset gate (RG) drivers
2-phase and 4-phase H-clock modes
Electronic and mechanical shutter support
On-chip 1.8 V LDO
On-chip driver for external crystal
On-chip sync generator with external sync input
APPLICATIONS
High speed digital cameras
GENERAL DESCRIPTION
The ADDI9020 is a complete 60 MHz front-end solution for digital
still cameras and other charge-coupled device (CCD) imaging
applications. The ADDI9020 includes the analog front end (AFE),
a fully programmable timing generator (TG), and a 12-channel
V-driver. A Precision Timing® core allows adjustment of high
speed clocks with approximately 260 ps resolution at 60 MHz
operation.
The on-chip V-driver supports up to 12 channels for use with
multifield CCDs.
The analog front end includes black level clamping, CDS, VGA,
and a 12-bit ADC. The timing generator and V-driver provide
all the necessary CCD clocks: RG, H-clocks, vertical clocks, sensor
gate pulses, a substrate clock, and substrate bias control. The
internal registers are programmed using a 3-wire serial interface.
Packaged in a 7 mm × 7 mm CSP_BGA, the ADDI9020 is specified
over an operating temperature range of −25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
ADDI9020
CDS
VGA
CLAMP
12-BIT
ADC
SCK, SL, SDATA
CLI
VREF
0dB TO 36dB
HORIZONTAL
DRIVERS
ISATG
RG
H1 TO H4
REFT REFB
Precision
Timing
GENERATOR
INTERNAL CLOCKS
HD VD
INTERNAL
REGISTERS
CCDIN
0dB TO 18dB
12
HL
CLO
GPO1 TO GPO6
XSUBCK,
XSUBCNT
4
6
LDOIN (3V)
LDOOUT (1.8V)
LDO
REG
VERTICAL
DRIVER
SUBCK
V1 TO V8 (3-LEVEL)
V9 TO V12 (2-LEVEL)
D0 TO D11
SYNC
DCLK
3
20
12
2
Figure 1.
For more information about the ADDI9020, contact Analog Devices, Inc. via email at: afe.ccd@analog.com


Similar Part No. - ADDI9020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDI9020 AD-ADDI9020 Datasheet
75Kb / 2P
60 MHz CCD Signal Processor
ADDI9020 AD-ADDI9020_15 Datasheet
75Kb / 2P
60 MHz CCD Signal Processor
More results

Similar Description - ADDI9020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9925 AD-AD9925 Datasheet
1Mb / 96P
CCD Signal Processor with Vertical Driver and Precision Timing Generator
10/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9923A AD-AD9923A Datasheet
1Mb / 88P
CCD Signal Processor with V-Driver and Precision Timing??Generator
10/06-Revision 0
AD9920A AD-AD9920A Datasheet
73Kb / 2P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com