Electronic Components Datasheet Search
  English  ▼

X  

ADP5586 Datasheet(PDF) 39 Page - Analog Devices

Part # ADP5586
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADP5586 Datasheet HTML 35Page - Analog Devices ADP5586 Datasheet HTML 36Page - Analog Devices ADP5586 Datasheet HTML 37Page - Analog Devices ADP5586 Datasheet HTML 38Page - Analog Devices ADP5586 Datasheet HTML 39Page - Analog Devices ADP5586 Datasheet HTML 40Page - Analog Devices ADP5586 Datasheet HTML 41Page - Analog Devices ADP5586 Datasheet HTML 42Page - Analog Devices ADP5586 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Data Sheet
ADP5586
Rev. 0 | Page 39 of 44
PIN_CONFIG_B, Register 0x3B
Table 68. PIN_CONFIG_B Bit Descriptions
Bits
Bit Name
Access
Description
[7:5]
Reserved
Reserved
Reserved.
4
C4_CONFIG
Read/write
0 = GPIO 11.
1 = Column 4.
3
C3_CONFIG
Read/write
0 = GPIO 10.
1 = Column 3.
2
C2_CONFIG
Read/write
0 = GPIO 9.
1 = Column 2.
1
C1_CONFIG
Read/write
0 = GPIO 8 (see C1_EXTEND_CFG in Table 69 for alternate configuration, PULSE_GEN_2).
1 = Column 1.
0
C0_CONFIG
Read/write
0 = GPIO 7 (see C0_EXTEND_CFG in Table 69 for alternate configuration, PULSE_GEN_1).
1 = Column 0.
PIN_CONFIG_C, Register 0x3C
Table 69. PIN_CONFIG_C Bit Descriptions
Bits
Bit Name
Access
Description
7
PULL_SELECT
Read/write
0 = 300 kΩ resistor used for row pull-up during key scanning.
1 = 100 kΩ resistor used for row pull-up during key scanning.
6
C0_EXTEND_CFG
Read/write
0 = C0 remains configured as GPIO 7.
1 = C0 reconfigured as PULSE_GEN_1 output.
5
R4_EXTEND_CFG
Read/write
0 = R4 remains configured as GPIO 5.
1 = R4 reconfigured as RESET_OUT output.
4
C1_EXTEND_CFG
Read/write
0 = C1 remains configured as GPIO 8.
1 = C1 reconfigured as PULSE_GEN_2 output.
3
R3_EXTEND_CFG
Read/write
0 = R3 remains configured as GPIO 4.
1 = R3 reconfigured as LC input for the logic block.
[2:1]
Reserved
Reserved
Reserved.
0
R0_EXTEND_CFG
Read/write
0 = R0 remains configured as GPIO 1.
1 = R0 reconfigured as LY output from the logic block.
GENERAL_CFG, Register 0x3D
Table 70. GENERAL_CFG Bit Descriptions
Bits
Bit Name
Access
Description
7
OSC_EN
Read/write
0 = disables internal 800 kHz oscillator.
1 = enables internal 800 kHz oscillator.
[6:5]
OSC_FREQ[1:0]
Read/write
Sets the input clock frequency fed from the base 800 kHz oscillator to the digital core. Slower
frequencies result in less quiescent current, but key and GPI scan times increase.
00 = 50 kHz.
01 = 100 kHz.
10 = 200 kHz.
11 = 400 kHz.
[4:3]
Reserved
Reserved
Reserved.
2
SW_RESET
Read/write
Software reset. Set to 1 to reset the ADP5586. This function is similar to bringing RST low, then
high. Wait at least 200 μs before reprogramming the device.
1
INT_CFG
Read/write
Configures the behavior of the INT pin if the user tries to clear it while an interrupt is pending.
0 = INT pin remains asserted if an interrupt is pending.
1 = INT pin deasserts for 50 μs and reasserts if an interrupt is pending.
0
RST_CFG
Read/write
Configures the response of the ADP5586 to the RST pin and the SW_RESET bit.
0 = the ADP5586 resets if RST is low.
1 = the ADP5586 does not reset if RST is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com