Electronic Components Datasheet Search
  English  ▼

X  

ADV7610BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7610BBCZ
Description  Low Power, 165 MHz HDMI Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7610BBCZ Datasheet(HTML) 4 Page - Analog Devices

  ADV7610BBCZ Datasheet HTML 1Page - Analog Devices ADV7610BBCZ Datasheet HTML 2Page - Analog Devices ADV7610BBCZ Datasheet HTML 3Page - Analog Devices ADV7610BBCZ Datasheet HTML 4Page - Analog Devices ADV7610BBCZ Datasheet HTML 5Page - Analog Devices ADV7610BBCZ Datasheet HTML 6Page - Analog Devices ADV7610BBCZ Datasheet HTML 7Page - Analog Devices ADV7610BBCZ Datasheet HTML 8Page - Analog Devices ADV7610BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADV7610
Data Sheet
Rev. 0 | Page 4 of 16
SPECIFICATIONS
DVDD = 1.71 V to 1.89 V, DVDDIO = 3.14 V to 3.46 V, PVDD = 1.71 V to 1.89 V, TVDD = 3.14 V to 3.46 V, CVDD = 1.71 V to 1.89 V,
TMIN to TMAX = −40°C to +85°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUTS1
Input High Voltage
VIH
XTALN and XTALP
1.2
V
VIH
Other digital inputs
2
V
Input Low Voltage
VIL
XTALN and XTALP
0.4
V
VIL
Other digital inputs
0.8
V
Input Current
IIN
RESET pin
±45
±60
µA
Other digital inputs
±10
µA
Input Capacitance
CIN
10
pF
DIGITAL INPUTS (5 V TOLERANT)1, 2
Input High Voltage
VIH
2.6
V
Input Low Voltage
VIL
0.8
V
Input Current
IIN
−82
+82
µA
DIGITAL OUTPUTS1
Output High Voltage
VOH
2.4
V
Output Low Voltage
VOL
0.4
V
High Impedance Leakage Current
ILEAK
VS/FIELD/ALSB pin
±35
±60
µA
HPA_A/INT2 pin
±82
µA
Other
10
µA
Output Capacitance
COUT
20
pF
POWER REQUIREMENTS3
Digital Core Power Supply
DVDD
1.71
1.8
1.89
V
Digital I/O Power Supply
DVDDIO
3.14
3.3
3.46
V
PLL Power Supply
PVDD
1.71
1.8
1.89
V
Terminator Power Supply
TVDD
3.14
3.3
3.46
V
Comparator Power Supply
CVDD
1.71
1.8
1.89
V
Digital Core Supply Current
IDVDD
UXGA 60 Hz at eight bits
95.7
188.1
mA
Digital I/O Supply Current
IDVDDIO
UXGA 60 Hz at eight bits
12.9
178.5
mA
PLL Supply Current
IPVDD
UXGA 60 Hz at eight bits
30.7
36.9
mA
Terminator Supply Current
ITVDD
UXGA 60 Hz at eight bits
50.9
57.6
mA
Comparator Supply Current
ICVDD
UXGA 60 Hz at eight bits
95.8
114.4
mA
POWER-DOWN CURRENTS4
Digital Core Supply Current
IDVDD_PD
Power-Down Mode 1
0.2
0.5
mA
Digital I/O Supply Current
IDVDDIO_PD
Power-Down Mode 1
1.3
1.7
mA
PLL Supply Current
IPVDD_PD
Power-Down Mode 1
1.5
1.8
mA
Terminator Supply Current
ITVDD_PD
Power-Down Mode 1
0.1
0.3
mA
Comparator Supply Current
ICVDD_PD
Power-Down Mode 1
1.3
1.7
mA
Power-Up Time
tPWRUP
25
ms
1
Data guaranteed by characterization.
2
The following pins are 5 V tolerant: DDCA_SCL, DDCA_SDA, and RXA_5V.
3
Maximum current consumption values are recorded with maximum rated voltage supply levels, Moire X video pattern, and at maximum rated temperature.
4
Power-Down Mode 0 (I/O map, Register 0x0C = 0x62), ring oscillator powered down (HDMI map, Register 0x48 = 0x01), and DDC pads off (HDMI map, Register 0x73 = 0x01).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com