Electronic Components Datasheet Search
  English  ▼

X  

ADuM5211ARSZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM5211ARSZ
Description  Dual-Channel Isolators with Integrated DC-to-DC Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM5211ARSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM5211ARSZ Datasheet HTML 3Page - Analog Devices ADuM5211ARSZ Datasheet HTML 4Page - Analog Devices ADuM5211ARSZ Datasheet HTML 5Page - Analog Devices ADuM5211ARSZ Datasheet HTML 6Page - Analog Devices ADuM5211ARSZ Datasheet HTML 7Page - Analog Devices ADuM5211ARSZ Datasheet HTML 8Page - Analog Devices ADuM5211ARSZ Datasheet HTML 9Page - Analog Devices ADuM5211ARSZ Datasheet HTML 10Page - Analog Devices ADuM5211ARSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADuM5210/ADuM5211/ADuM5212
Rev. 0 | Page 7 of 24
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
All typical specifications are at TA = 25°C, VDD1 = VDDP = 5 V, VDD2 = 3.3 V, VSEL resistor network: R1 = 10 kΩ, R2 = 16.9 kΩ between VISO
and GNDISO. Minimum/maximum specifications apply over the entire recommended operation range which is 4.5 V ≤ VDD1, VDDP ≤ 5.5 V,
3.0 V ≤ VDD2 ≤ 3.6 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching specifications are tested with CL = 15 pF and CMOS
signal levels, unless otherwise noted.
Table 10. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Setpoint
VISO
3.3
V
IISO = 15 mA, R1 = 10 kΩ, R2 = 16.9 kΩ
Thermal Coefficient
VISO (TC)
−26
μV/°C
Line Regulation
VISO (LINE)
20
mV/V
IISO = 15 mA, VDDP = 4.5 V to 5.5 V
Load Regulation
VISO (LOAD)
1.3
3
%
IISO = 3 mA to 27 mA
Output Ripple
VISO (RIP)
50
mV p-p
20 MHz bandwidth, CBO = 0.1 µF||10 µF, IISO = 27 mA
Output Noise
VISO (NOISE)
130
mV p-p
CBO = 0.1 µF||10 µF, IISO = 27 mA
Switching Frequency
fOSC
125
MHz
PulseWidth Modulation Frequency
fPWM
600
kHz
Output Supply
IISO (MAX)
30
mA
3.6 V > VISO > 3 V
Efficiency at IISO (MAX)
24
%
IISO = 27 mA
IDDP, No VISO Load
IDDP (Q)
3.2
8
mA
IDDP, Full VISO Load
IDDP (MAX)
85
mA
Thermal Shutdown
Shutdown Temperature
154
°C
Thermal Hysteresis
10
°C
Table 11. Data Channel Supply Current
Parameter
Symbol
1 Mbps—A, B, C Grades
25 Mbps—B, C Grades
100 Mbps—C Grade
Unit
Test Conditions/
Comments
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
ADuM5210
IDD1
1.1
1.6
6.2
7.0
20
25
mA
CL = 0 pF
IDD2
2.0
3.5
2.7
4.6
4.8
9.0
mA
CL = 0 pF
ADuM5211
IDD1
2.1
2.7
4.9
6.5
15
19
mA
CL = 0 pF
IDD2
1.7
2.3
3.9
6.2
11
15
mA
CL = 0 pF
ADuM5212
IDD1
2.0
3.5
2.7
4.6
4.8
9.0
mA
CL = 0 pF
IDD2
1.1
1.6
6.2
7.0
20
25
mA
CL = 0 pF
Table 12. Switching Specifications
7 Codirectional channel matching is the absolute value of the difference in propagation delays between any twochannels withinputs onthe same side of the isolation barrier. Opposing-directional channel matching is the absolute value of the difference inpropagationdelays betweenany twochannels with inputs on opposing sides of the isolation barrier.
Parameter
Symbol
A Grade
B Grade
C Grade
Unit
Test Conditions/
Comments
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SWITCHING SPECIFICATIONS
Data Rate
1
25
100
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
50
35
13
20
26
ns
50% input to 50% output
Pulse Width Distortion
PWD
10
3
2.5
ns
|tPLH − tPHL|
Pulse Width
PW
1000
40
10
ns
Within PWD limit
Propagation Delay Skew
tPSK
38
16
12
ns
Between any two units
Channel Matching
Codirectional
tPSKCD
5
3
2
ns
Opposing Direction
tPSKOD
10
6
5
ns
Jitter
2
2
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com