Electronic Components Datasheet Search
  English  ▼

X  

PE34858 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE34858
Description  CABLE ASSEMBLY RG142B/U FME
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34858 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE34858 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FME JACK
RG142B/U
FME JACK
PE34858-XX
CABLE ASSEMBLY, RG142B/U, FME JACK
TO FME JACK
50 OHM
50 OHM
50 OHM
FME
JACK
FME
JACK
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
020508
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE


Similar Part No. - PE34858

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34858LF PASTERNACK-PE34858LF Datasheet
276Kb / 1P
CABLE ASSEMBLY, RG142B/U, FME JACK TO FME JACK
PE34858LF-12 PASTERNACK-PE34858LF-12 Datasheet
276Kb / 1P
CABLE ASSEMBLY, RG142B/U, FME JACK TO FME JACK
PE34858LF-24 PASTERNACK-PE34858LF-24 Datasheet
276Kb / 1P
CABLE ASSEMBLY, RG142B/U, FME JACK TO FME JACK
PE34858LF-36 PASTERNACK-PE34858LF-36 Datasheet
276Kb / 1P
CABLE ASSEMBLY, RG142B/U, FME JACK TO FME JACK
PE34858LF-48 PASTERNACK-PE34858LF-48 Datasheet
276Kb / 1P
CABLE ASSEMBLY, RG142B/U, FME JACK TO FME JACK
More results

Similar Description - PE34858

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35953 PASTERNACK-PE35953 Datasheet
267Kb / 1P
CABLE ASSEMBLY RG58C/U FME PLUG TO FME PLUG
PE35955 PASTERNACK-PE35955 Datasheet
267Kb / 1P
CABLE ASSEMBLY RG142B/U FME PLUG TO FME PLUG
PE35955LF PASTERNACK-PE35955LF Datasheet
276Kb / 1P
CABLE ASSEMBLY RG142B/U FME PLUG TO FME PLUG(LEAD FREE)
PE35962LF PASTERNACK-PE35962LF Datasheet
277Kb / 1P
CABLE ASSEMBLY RG142B/U FME PLUG TO BNC MALE(LEAD FREE)
PE35962 PASTERNACK-PE35962 Datasheet
268Kb / 1P
CABLE ASSEMBLY, RG142B/U, FME PLUG TO BNC MALE
PE34856LF PASTERNACK-PE34856LF Datasheet
108Kb / 1P
CABLE ASSEMBLY, RG58C/U, FME JACK TO FME JACK
PE34858LF PASTERNACK-PE34858LF Datasheet
276Kb / 1P
CABLE ASSEMBLY, RG142B/U, FME JACK TO FME JACK
PE34860 PASTERNACK-PE34860 Datasheet
265Kb / 1P
CABLE ASSEMBLY, RG174A/U, FME JACK TO FME JACK
PE34864 PASTERNACK-PE34864 Datasheet
267Kb / 1P
CALBLE ASSEMBLY, RG142B/U, FME JACK TO BNC MALE
PE34864LF PASTERNACK-PE34864LF Datasheet
230Kb / 1P
CABLE ASSEMBLY, RG142B/U, FME JACK TO BNC MALE (LEAD FREE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com