Electronic Components Datasheet Search
  English  ▼

X  

LSD3C4M2P Datasheet(PDF) 5 Page - Dialight Corporation

Part # LSD3C4M2P
Description  SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LSD3C4M2P Datasheet(HTML) 5 Page - Dialight Corporation

  LSD3C4M2P Datasheet HTML 1Page - Dialight Corporation LSD3C4M2P Datasheet HTML 2Page - Dialight Corporation LSD3C4M2P Datasheet HTML 3Page - Dialight Corporation LSD3C4M2P Datasheet HTML 4Page - Dialight Corporation LSD3C4M2P Datasheet HTML 5Page - Dialight Corporation LSD3C4M2P Datasheet HTML 6Page - Dialight Corporation LSD3C4M2P Datasheet HTML 7Page - Dialight Corporation LSD3C4M2P Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SafeSite
® LED Linear Fixture
Class I, Div. 2 Battery Backup Version
Mechanical Information
Fixture Weight:
18.0 lbs (8.16 kg)
Shipping Weight:
21.0 lbs (9.53 kg)
Mounting:
(1) Threaded 3/4” NPT Side
(2) Threaded 3/4” NPT Ends
Electrical specifications:
Operating Voltage:
100-277V AC 50/60 Hz
Power Consumption:
85W 4’ version
Operating Temp:
-29°F to +149°F (-20°C to +65°C)
Battery:
3.6V 10Ah Nimh
Battery Life:
3 years
Battery Duration:
>3 hours
Harmonics:
IEC 61000-3-2
Surge Protection:
1 kV line to line
2 kV line to ground
THD:
< 15%
Power Factor:
> 0.95
Construction
Body:
Powder Coated Aluminum
Lens:
Polycarbonate
Photometric Information
CRI:
70
CCT:
6,000K (cool white)
IES Files:
Available upon request
All values typical unless otherwise state
All lumen values are typical (tolerance +/- 10%)
Certifications
• UL1598A
• UL 844
• UL 924
• CSA 22.2 No.137-M81
• UL 8750
• IP66 rated
• NEMA 4X
Features & Benefits
• 3 year full performance warranty
• 450 lumens in battery backup mode consistent throughout life of battery
• Low power consumption
• Battery status indication light
• Instant on/off operation
• Push to test button
• Superior color rendition index compared to HPS, LPS, MV
• Mercury Free
• Resistant to shock and vibration
• Temperature compensation technology for longer life
Application
The first of its kind, the Dialight SafeSite
® LED linear luminaire was
designed specifically to replace fluorescent lighting fixtures in industrial
and hazardous location applications. When main AC power is lost, these
lights will continue to operate as they transfer to the integrated battery.
The SafeSite Linear fixture’s rugged solid state design makes it highly
resistant to shock and vibration, while it’s superior design allows for
increased mounting versatility and ease of installation.
www.dialight.com
Temperature Rating
Ambient Temperature Range
T4a Temperature Code
-20°F to +149°F (-29°C to +65°C)
In-line Conduit Mount
Overhead Conduit Mount
Bracket Mount
Mounting Options



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com