Electronic Components Datasheet Search
  English  ▼

X  

VOS618A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VOS618A
Description  Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS618A Datasheet(HTML) 4 Page - Vishay Siliconix

  VOS618A Datasheet HTML 1Page - Vishay Siliconix VOS618A Datasheet HTML 2Page - Vishay Siliconix VOS618A Datasheet HTML 3Page - Vishay Siliconix VOS618A Datasheet HTML 4Page - Vishay Siliconix VOS618A Datasheet HTML 5Page - Vishay Siliconix VOS618A Datasheet HTML 6Page - Vishay Siliconix VOS618A Datasheet HTML 7Page - Vishay Siliconix VOS618A Datasheet HTML 8Page - Vishay Siliconix VOS618A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VOS618A
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 14-Jan-13
4
Document Number: 83465
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, §7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 5 - Forward Voltage vs. Forward Current
Fig. 6 - Collector Current vs. Collector Emitter Voltage
(non-saturated)
SAFETY AND INSULATION RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
MAXIMUM SAFETY RATINGS
Output safety power
PSO
300
mW
Input safety current
Isi
200
mA
Safety temperature
TS
150
°C
Comparative tracking index
CTI
175
INSULATION RATED PARAMETERS
Maximum withstanding isolation voltage
VISO
3750
VRMS
Maximum transient isolation voltage
VIOTM
6000
Vpeak
Maximum repetitive peak isolation voltage
VIORM
565
Vpeak
Insulation resistance
Tamb = 25 °C, VDC = 500 V
RIO
1012
Isolation resistance
Tamb = 100 °C, VDC = 500 V
RIO
1011
Climatic classification (according to IEC 68 part 1)
55/110/21
Environment (pollution degree in accordance to DIN VDE 0109)
2
Creepage distance
 5
mm
Clearance distance
 5
mm
Insulation thickness
DTI
 0.4
mm
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
V
F - Forward Voltage (V)
T
amb = 110 °C
T
amb = 75 °C
T
amb = 25 °C
T
amb = 0 °C
T
amb = - 55 °C
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
V
CE - Collector Emitter Voltage (non-sat) (V)
IF = 1 mA
I
F = 10 mA
I
F = 5 mA
I
F = 15 mA
I
F = 20 mA
I
F = 25 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com