Electronic Components Datasheet Search
  English  ▼

X  

PE35654 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35654
Description  CABLE ASSEMBLY, RG405/U 2.4mm MALE TO 2.4mm FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35654 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35654 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE35654

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35654-12 PASTERNACK-PE35654-12 Datasheet
637Kb / 4P
2.4mm Male to 2.4mm Female Cable
PE35654-18 PASTERNACK-PE35654-18 Datasheet
637Kb / 4P
2.4mm Male to 2.4mm Female Cable
PE35654-24 PASTERNACK-PE35654-24 Datasheet
637Kb / 4P
2.4mm Male to 2.4mm Female Cable
PE35654-36 PASTERNACK-PE35654-36 Datasheet
636Kb / 4P
2.4mm Male to 2.4mm Female Cable
PE35654-48 PASTERNACK-PE35654-48 Datasheet
637Kb / 4P
2.4mm Male to 2.4mm Female Cable
More results

Similar Description - PE35654

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35639 PASTERNACK-PE35639 Datasheet
267Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO 2,4mm MALE
PE35639LF PASTERNACK-PE35639LF Datasheet
276Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO 2.4mm TO 2.4 mm MALE(LEAD FREE)
PE35666LF PASTERNACK-PE35666LF Datasheet
228Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO SMA MALE(LEAD FREE)
PE36527 PASTERNACK-PE36527 Datasheet
269Kb / 1P
CABLE ASSEMBLY RG405/U 1.85mm MALE TO 2.4mm MALE
PE35666 PASTERNACK-PE35666 Datasheet
266Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO SMA MALE
PE36527LF PASTERNACK-PE36527LF Datasheet
278Kb / 1P
CABLE ASSEMBLY RG405/U 1.85mm MALE TO 2.4mm MALE (LEAD FREE)
PE35654-12 PASTERNACK-PE35654-12 Datasheet
637Kb / 4P
2.4mm Male to 2.4mm Female Cable
PE35654-36 PASTERNACK-PE35654-36 Datasheet
636Kb / 4P
2.4mm Male to 2.4mm Female Cable
PE35654LF PASTERNACK-PE35654LF Datasheet
640Kb / 4P
2.4mm Male to 2.4mm Female Cable Using RG405 Coax, RoHS
PE35660 PASTERNACK-PE35660 Datasheet
269Kb / 1P
CABLE ASSEMBLY, RG405/U, 2.4mm MALE TO 2.92mm MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com