Electronic Components Datasheet Search
  English  ▼

X  

63182TDHP Datasheet(PDF) 2 Page - ebm-papst

Part # 63182TDHP
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

63182TDHP Datasheet(HTML) 2 Page - ebm-papst

  63182TDHP Datasheet HTML 1Page - ebm-papst 63182TDHP Datasheet HTML 2Page - ebm-papst 63182TDHP Datasheet HTML 3Page - ebm-papst 63182TDHP Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
6318 /2 TDHP
Technical features
Dimensions
172 Ø x 51 mm
General description
Particular design features:
Very smooth running 3-phase fan drive.
Very rigid compression curve for high air flow at high counterpressure.
Low operating noise level at high counterpressure.
Standard with PWM control input and speed signal.
Other inputs and outputs on request.
General features:
Housing made of aluminium, impeller made of fibreglass-reinforced PA; housing with grounding lug
for M4 x 8 screw (Torx).
Protected against reverse polarity and locking.
Connection via single strands AWG 20, TR 64, bared and tin-plated.
Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor.
Mass: 910 g.
Direction of rotation
Counterclockwise, looking at rotor
Direction of air flow
Air exhaust over bars
Lifetime L10 at 40 °C
75000 h
Lifetime L10 at maximum
temperature
37500 h
Mass
0.910 kg
Housing material
Aluminum. Housing with grounding lug for screw M4 x 8 (TORX).
Material of impeller
Fiberglass-reinforced PA plastic
Motor protection
Protected against reverse polarity and locking.
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com