Electronic Components Datasheet Search
  English  ▼

X  

PE3931 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3931
Description  SMA Female to SMA Female Cable Using RG402 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3931 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3931 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3931 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3931 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pasternack Enterprises, Inc. • P.O. Box 16759, Irvine, CA 92623
Phone: (866) 727-8376 or (949) 261-1920 • Fax: (949) 261-7451
Sales@Pasternack.com • Techsupport@Pasternack.com
Version C - Revision - © 2011 Pasternack Enterprises All Rights Reserved.
1
SMA Female to SMA Female .141 Semirigid Cable Assembly
Pasternack semirigid cable assembly are built in house and shipped same day using quality components.
• PE3931-xx Semirigid cable assemblies are available in standard inch lengths of 12, 24, 36, 48, and 60 inches .
Custom lengths are available on request.
• 100% Continuity and RF tested
• Semirigid Cable Assemblies are available in any length with many connector combinations to meet your specific
requirements
• Semirigid cable options include .141(RG402), .085(RG405), .250(RG401) and a limited selection of .047
• Our PE-SR402FL and PE-SR402FLJ Formable Coax versions with and without FEP jacket material are also available.
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Cable Type
RG402 (.141 Semirigid)
ElectricalSpecifications
Frequency Range (GHz)
0 to 18
Impedance (Ohms)
50
VSWR, Max
≤1.35:1
Insertion Loss, Maximum
0.66dB/ft + 0.2dB
Velocity of Propagation (%)
69.5
RF Shielding (dB)
>100
Power, Max Input (Avg Watts @ 1 GHz)
650
Frequency1
Frequency (GHz)
0 to 6
VSWR
1.15:1
Insertion Loss
0.3dB/ft + 0.1dB
Frequency2
Frequency (GHz)
6 to 12
VSWR
1.25:1
Insertion Loss
0.4dB/ft + 0.15dB
Frequency3
Frequency (GHz)
12 to 18
VSWR
1.35:1
Insertion Loss
0.66db/ft + 0.2db
Click the following link for the additional product information:
SMA Female to SMA Female Cable Using RG402 Coax PE3931
SMA Female to SMA Female Cable Using
RG402 Coax
PE3931


Similar Part No. - PE3931

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3931-12 PASTERNACK-PE3931-12 Datasheet
424Kb / 3P
SMA Female to SMA Female Cable 12 Inch Length
PE3931-18 PASTERNACK-PE3931-18 Datasheet
425Kb / 3P
SMA Female to SMA Female Cable 18 Inch Length
PE3931-24 PASTERNACK-PE3931-24 Datasheet
425Kb / 3P
SMA Female to SMA Female Cable 24 Inch Length
PE3931-36 PASTERNACK-PE3931-36 Datasheet
425Kb / 3P
SMA Female to SMA Female Cable 36 Inch Length
PE3931-48 PASTERNACK-PE3931-48 Datasheet
425Kb / 3P
SMA Female to SMA Female Cable 48 Inch Length
More results

Similar Description - PE3931

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33254 PASTERNACK-PE33254 Datasheet
352Kb / 4P
SMA Female to SMA Female Cable Using RG223 Coax
PE3C0045 PASTERNACK-PE3C0045 Datasheet
335Kb / 3P
SMA Female to SMA Female Cable Using LMR-100 Coax
PE3C2892 PASTERNACK-PE3C2892 Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax
PE3C2892-18 PASTERNACK-PE3C2892-18 Datasheet
353Kb / 4P
SMA Male to SMA Female Bulkhead Cable 18 Inch Length Using RG402 Coax
PE3C2892-24 PASTERNACK-PE3C2892-24 Datasheet
353Kb / 4P
SMA Male to SMA Female Bulkhead Cable 24 Inch Length Using RG402 Coax
PE3C2892-36 PASTERNACK-PE3C2892-36 Datasheet
353Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length Using RG402 Coax
PE3C2892-48 PASTERNACK-PE3C2892-48 Datasheet
353Kb / 4P
SMA Male to SMA Female Bulkhead Cable 48 Inch Length Using RG402 Coax
PE3C2892-60 PASTERNACK-PE3C2892-60 Datasheet
353Kb / 4P
SMA Male to SMA Female Bulkhead Cable 60 Inch Length Using RG402 Coax
PE3C2892LF PASTERNACK-PE3C2892LF Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax, RoHS
PE3C2892LF-12 PASTERNACK-PE3C2892LF-12 Datasheet
353Kb / 4P
SMA Male to SMA Female Bulkhead Cable 12 Inch Length Using RG402 Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com