Electronic Components Datasheet Search
  English  ▼

X  

91MCE66 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # 91MCE66
Description  Limit Switch is an Addition th the Existing CE Series Limit Swithes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

91MCE66 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  91MCE66 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 91MCE66 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 91MCE66 Datasheet HTML 3Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
91MCE Series Limit Switch
Honeywell’s new 91MCE Series limit switch is an addition to the
existing CE Series limit switches. 91MCE is cost-effective sensing
components with factory pre-wiring or M12 quick connector which
allows for miniaturization of connection and eliminates the need to
wire at the switch. This allow 91MCE to be used in limited access
areas. A full range of actuators and wiring options are available.
91MCE available in snap action and slow action with direct
opening feature. Zinc die cast housing and epoxy potting allow the
switch to be used in harsh environment.
Characteristics
Actuators
See selection guide
Operating Speed
Operating Frequency
Rated Voltage
Rated Thermal Current
Prewired:10A; Quick Connector:3A
Contact Rating
AC15 A300; DC13 Q300
Contact Resistance
Insulation Resistance
Dielectric Strength
Service Life
Shock Resistance
Vibration Resistance
Operating Temperature
Humidity
Cable
Degree of Protection
IP67
0.05mm ~ 1m/s
Mechanically:120 ops/min, Electrically:30 ops/min
300VAC (EN60947-5-1)
<25m
Ω (initial)
>100M
Ω@500V DC
1000VAC for 1 min between current carrying parts
2500VAC for 1 min between non-current carrying parts
Mechanically:5,000,000 ops
Electrically:500,000 ops at maximum rating
Free position:<10G, Maximum position:<30G
10 to 55 Hz, 1.5 mm double amplitude
-25 to 85℃ without formation of ice
Max. 95%RH
0.75mm2, 5 core
Features
• Positive opening (Force apply directly
on normal closed contact to make sure
contact is opened safely).
• Long mechanical Life: 5 Millions
minimum.
• IP67 rated, for outdoor applications.
•CE, cULus,CCC approved
• Factory pre-wired or M12 quick
connector
Applications
• General and Special machinery
• Material Handling Equipment:
• Conveyors, elevators, crane and hoist
• Textile machinery
• Construction machinery and
equipment, vehicles and lift trucks
91MCE
P
Selection Guide
16
1
B
Q
Actuator
1
Plunger
2
Roller Plunger
3
Cross-Roller Plunger
16
Fixed Side Rotary Lever
18
Sealed Plunger
27
Panel Mount Plunger
30
Panel Mount Seal Plunger
28
Panel Mount Roller Plunger
29
Panel Mount Cross Roller Plunger
66
Spring Coil with Plastic Rod
Contact Block
P
1NO/1NC
Snap Action
S1NO/1NC
Break before
Make
Cable
Length
11m
22m
33m
55m
Bottom
Q
Side Exit
Q1
M12 Quick
Connector
Side Exit
-
Plastic
Roller or
Lever
P
Bottom Exit
B
Special Mark
1,2
Normal Closed
3,4
Normal Open


Similar Part No. - 91MCE66

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
91MCE1-P1 HONEYWELL-91MCE1-P1 Datasheet
310Kb / 4P
Mini Compact Limit Switch
June 2010
91MCE3-P1 HONEYWELL-91MCE3-P1 Datasheet
310Kb / 4P
Mini Compact Limit Switch
June 2010
91MCE3-S1 HONEYWELL-91MCE3-S1 Datasheet
310Kb / 4P
Mini Compact Limit Switch
June 2010
91MCE HONEYWELL-91MCE_V01 Datasheet
310Kb / 4P
Mini Compact Limit Switch
June 2010
More results

Similar Description - 91MCE66

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
Multiple Limit Switch
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
GLLA01C HONEYWELL-ACC-GLLA01C Datasheet
506Kb / 5P
Installation Instructions for the GLL Series Limit Switch
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
Limit switch box
7/20/22
8137105 FESTO-8137105 Datasheet
92Kb / 2P
Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
Vibration Limit Switch
2020-10-05
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com