Electronic Components Datasheet Search
  English  ▼

X  

ZX40-SLDB Datasheet(PDF) 2 Page - Hirose Electric

Part # ZX40-SLDB
Description  Micro-USB connectors meeting requirements of USB 2.0 Standard
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ZX40-SLDB Datasheet(HTML) 2 Page - Hirose Electric

  ZX40-SLDB Datasheet HTML 1Page - Hirose Electric ZX40-SLDB Datasheet HTML 2Page - Hirose Electric ZX40-SLDB Datasheet HTML 3Page - Hirose Electric ZX40-SLDB Datasheet HTML 4Page - Hirose Electric ZX40-SLDB Datasheet HTML 5Page - Hirose Electric ZX40-SLDB Datasheet HTML 6Page - Hirose Electric ZX40-SLDB Datasheet HTML 7Page - Hirose Electric ZX40-SLDB Datasheet HTML 8Page - Hirose Electric ZX40-SLDB Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
ZX Series
●Micro-USB connectors meeting requirements of USB 2.0 Standard
1. Contact resistance
30 mø max.
100 mA
2. Withstanding voltage
No flashover or insulation breakdown
100 V AC / 1 minute
3. Capacitance
2 pF max.
Between adjacent contacts at 1,000 Hz (AC voltage)
4. Durability
Contact resistance: Rise from initial value of 10 mø max.
10,000 cycles
5. Total insertion/removal force
Insertion force: 35 N max., Removal force: 8 N min.
Mated with corresponding connector
Item
Conditions
Specification
■Specifications
Ratings
1 A (per contact) or
1.8 A (contacts No. 1 and 5) and
0.5 A (contacts No. 2, 3, and 4)
Current rating
Voltage rating
Operating temperature range
Storage temperature range
30 V AC
-30°C to +85 °C
-30 °C to +85°C
■Materials
●Receptacles
●Plugs
Note 1: Classifiers such as A, B, and C are entered for *.
■Ordering information
ZX 62 RD - B - 5 P
*
* 8
1
2
4
5
3
6
7
8
ZX 40 - B - 5 S
*
* - UNIT
1
2
ZX 40 - B - SLDA
●Receptacles
●Plugs
■Product Styles Table
4
5
6
7
9
4
9
1
2
Series name
ZX
Termination style
10's: Right-angle PCB wire, SMT
20's: Straight, PCB wire
40's: Direct wire
60's: Right-angle, PCB wire
80's: Cradle SMT
Board mounting style
Blank Standard (Bottom mount)
(Receptacles)
D Standard (Bottom mount) through hole
R Reverse (Top mount)
RD Reverse (Top mount) through hole
M Drop-in (Mid-mount)
Mating side configuration
A Micro-A
B Micro-B
AB Micro-AB
Number of contacts
5
Contact type
P Receptacle- Male
S Plug – Female
Serial No.
Shell termination style –
Blank SMT
Receptacles
8 Through hole (solder tab length: 0.8mm)
Components-plugs
UNIT Assembly (Insulator/contact/lock)
SLD* Cover (Note 1)
1
2
3
4
5
6
8
7
9
Micro-A
Micro-B
Micro-AB
Interface
Receptacle
Plug
Part
Insulator
LCP
Micro-B: Black, Micro-AB: Gray
UL94V-0
Contacts
Copper alloy
Selective gold plated
---------------
Shell
Stainless steel
Tin alloy plating
---------------
Material
Finish
Remarks
Part
Insulator
Synthetic resin
Micro-A: White, Micro-B: Black
UL94V-0
Contacts
Copper alloy
Selective gold plated
---------------
Lock spring
Stainless steel
---------------
---------------
Shell
Stainless steel
Nickel plated or unfinished
---------------
Material
Finish
Remarks
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com