Electronic Components Datasheet Search
  English  ▼

X  

ECP225 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECP225
Description  150/225 W Convection/ Forcedcooled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP225 Datasheet(HTML) 2 Page - XP Power Limited

  ECP225 Datasheet HTML 1Page - XP Power Limited ECP225 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
11-Feb-13
ECP225
Models and Ratings
Output Voltage
Output Current
Ripple and Noise
pk-pk(2)
Fan Output
Efficiency(3)
Model Number(4)
Convection-cooled
Forced-cooled(1)
12.0 V
12.50 A
18.75 A
120 mV
12 V/0.5 A
93%
ECP225PS12
15.0 V
10.00 A
15.00 A
150 mV
12 V/0.5 A
93%
ECP225PS15
24.0 V
6.25 A
9.38 A
240 mV
12 V/0.5 A
94%
ECP225PS24
28.0 V
5.36 A
8.04 A
280 mV
12 V/0.5 A
94%
ECP225PS28
48.0 V
3.10 A
4.69 A
480 mV
12 V/0.5 A
94%
ECP225PS48
1. Requires 10 CFM.
2. Measured with 20 MHz bandwidth and 10 µF electrolytic capacitor in parallel
with 0.1 µF ceramic capacitor
3. Minimum average efficiencies measured at 25%, 50%, 75% & 100% of
225 W load and 230 VAC input.
4. 3” x 5” Footprint available for OEM quantities, add suffix ‘-3X5’to part eg.
ECP225PS24-3X5.
Notes
Notes
CN1 - Input Connector
Pin 1
Neutral
Pin 2
Not Fitted
Pin 3
Line
CN2 - Output Connector
Pin 1
-Vout
Pin 2
-Vout
Pin 3
-Vout
Pin 4
-Vout
Pin 5
+Vout
Pin 6
+Vout
Pin 7
+Vout
Pin 8
+Vout
Mounting holes marked with
must be connected to safety earth
Mates with JST housing
VHR-8N and JST Series
SVH-21T-P1.1 crimp terminals
-10
-20
0
10
20
30
40
50
60
70
20
40
60
80
100
Ambient Temperature (ºC)
0
80
1. All dimensions shown in inches (mm).
Tolerance: ±0.02 (0.5)
2. Weight: 0.51 lbs (230 g) approx.
Mates with JST housing
VHR-3N and JST Series
SVH-21T-P1.1 crimp terminals
CN3 - Fan Connector
Pin 1
Fan -
Pin 2
Fan +
Mates with Molex housing
22-01-1022 and 2759 crimp terminals
Derating Curve
5.00 (127.0)
4.75 (120.6)
2.50
(63.5)
2.25
(57.1)
0.134 (Ø3.4 ±0.3)
8
1
VR
CN2
CN3
1
2
0.25 (6.35) Faston ground tab
CN1
Mounting Screw
Holes 4 Places
1
3
0.06
(1.60)
0.83
(21.0)
0.11
(2.80)
1.00
(25.4)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com