Electronic Components Datasheet Search
  English  ▼

X  

NJW1240 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1240
Description  5Vrms Ground Referenced 6-Channel Line Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1240 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1240 Datasheet HTML 3Page - New Japan Radio NJW1240 Datasheet HTML 4Page - New Japan Radio NJW1240 Datasheet HTML 5Page - New Japan Radio NJW1240 Datasheet HTML 6Page - New Japan Radio NJW1240 Datasheet HTML 7Page - New Japan Radio NJW1240 Datasheet HTML 8Page - New Japan Radio NJW1240 Datasheet HTML 9Page - New Japan Radio NJW1240 Datasheet HTML 10Page - New Japan Radio NJW1240 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NJW1240
– 7 –
TEST CIRCUIT (VNO)
TEST CIRCUIT (CS)
C10=1uF
V+
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
V+
V+
C11=1uF
V+Reg
RegCNT
Mute
32
IN1
OUT1
Mute
1
31
2
Mute
30
IN3
OUT3
Mute
3
29
4
Mute
28
IN5
OUT5
Mute
5
27
6
Negative
Voltage
Regulator
Pop Noise
Suppression
Bias
IN2
IN4
IN6
OUT2
OUT4
OUT6
7
8
9
10
11
12
13
14
15
16
26
25
24
23
22
21
20
19
18
17
MUTE
GND
MUTE _TC
V+A
GAIN
V-OUT
CN
GND
CP
FB
NC
CLK
NC
NC
NC
Gain Select
6dB/8dB
NC
NC
50kΩ
50kΩ
50kΩ
50kΩ
50kΩ
50kΩ
100kΩ
100kΩ
V-IN
V-OUT
V
C1=1uF
C8=1uF
C2=1uF
C3=1uF
C4=1uF
C5=1uF
C6=1uF
R2=680kΩ
C9=10nF
C12=10nF
V+
C19=10uF
+
C10=1uF
V+
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
V+
V+
C11=1uF
V+Reg
RegCNT
Mute
32
IN1
OUT1
Mute
1
31
2
Mute
30
IN3
OUT3
Mute
3
29
4
Mute
28
IN5
OUT5
Mute
5
27
6
Negative
Voltage
Regulator
Pop Noise
Suppression
Bias
IN2
IN4
IN6
OUT2
OUT4
OUT6
7
8
9
10
11
12
13
14
15
16
26
25
24
23
22
21
20
19
18
17
MUTE
GND
MUTE _TC
V+A
GAIN
V-OUT
CN
GND
CP
FB
NC
CLK
NC
NC
NC
Gain Select
6dB/8dB
NC
NC
50kΩ
50kΩ
50kΩ
50kΩ
50kΩ
50kΩ
100kΩ
100kΩ
V-IN
V-OUT
V
Rg=600Ω
Rg=600Ω
Rg=600Ω
Rg=600Ω
Rg=600Ω
Rg=600Ω
C1=1uF
C8=1uF
C2=1uF
C3=1uF
C4=1uF
C5=1uF
C6=1uF
R2=680kΩ
C9=10nF
C12=10nF
V+
C19=10uF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com