Electronic Components Datasheet Search
  English  ▼

X  

PE4056 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4056
Description  BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4056 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4056 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4056 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Female Connector Clamp/Solder Attachment
4 Hole Flange For RG58, RG55, RG141, RG142,
RG223, RG400, .500 inch Threaded Hole Spacing
BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142,
RG223, RG400, .500 inch Threaded Hole Spacing
Configuration
Connector
BNC Female
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.15 [29.21]
Width/Dia., in [mm]
0.687 [17]
Height, in [mm]
0.687 [17.45]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
BNC Female
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-female-standard-rg58-rg55-rg141-rg142-rg223-rg400-connector-pe4056-p.aspx
BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142, RG223, RG400, .500
inch Threaded Hole Spacing from Pasternack Enterprises has same day shipment for domestic and International orders. We
maintain 99% availability of the industry’s broadest selection of RF, microwave and fiber optic products.
PE4056
PE4056 REV


Similar Part No. - PE4056

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4051 PASTERNACK-PE4051 Datasheet
285Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4051 PASTERNACK-PE4051 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4051 PASTERNACK-PE4051_16 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4052 PASTERNACK-PE4052 Datasheet
380Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
More results

Similar Description - PE4056

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4066 PASTERNACK-PE4066 Datasheet
270Kb / 2P
TNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PE4072 PASTERNACK-PE4072 Datasheet
306Kb / 2P
N Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4736 PASTERNACK-PE4736 Datasheet
275Kb / 3P
RP BNC Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4969 PASTERNACK-PE4969 Datasheet
280Kb / 3P
C Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142,RG223, RG400, .718 inch Hole Spacing
PE4058 PASTERNACK-PE4058 Datasheet
299Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4313 PASTERNACK-PE4313 Datasheet
231Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PE4078 PASTERNACK-PE4078 Datasheet
313Kb / 3P
BNC Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE4035 PASTERNACK-PE4035 Datasheet
583Kb / 2P
SMA Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142, RG223, RG400, .340 inch Hole Spacing
PE4023 PASTERNACK-PE4023 Datasheet
498Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4765 PASTERNACK-PE4765 Datasheet
283Kb / 3P
RP BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142,RG223, RG400, .500 inch Threaded Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com