Electronic Components Datasheet Search
  English  ▼

X  

PE4093 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4093
Description  MHV Male Connector Crimp/Solder Attachment For RG58
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4093 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4093 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4093 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MHV Male Connector Crimp/Solder Attachment For RG58
MHV Male Connector Crimp/Solder Attachment For RG58
Configuration
Connector
MHV Male
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.508 [38.3]
Width/Dia., in [mm]
0.57 [14]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
MHV Male
Contact Material and Plating
Brass
Coupling Nut Material and Plating
Brass
Body Material and Plating
Brass
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mhv-male-standard-rg58-connector-pe4093-p.aspx
MHV Male Connector Crimp/Solder Attachment For RG58 from Pasternack Enterprises has same day shipment for domestic
and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and fiber optic
products.
PE4093
PE4093 REV


Similar Part No. - PE4093

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4093 PASTERNACK-PE4093 Datasheet
362Kb / 3P
MHV Male Connector Crimp/Solder Attachment
PE4093 PASTERNACK-PE4093_16 Datasheet
362Kb / 3P
MHV Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4093

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4075 PASTERNACK-PE4075 Datasheet
153Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG59, RG62
PE44108 PASTERNACK-PE44108 Datasheet
226Kb / 3P
MHV Female Bulkhead Connector Crimp/Solder Attachment For RG58
PE44102 PASTERNACK-PE44102 Datasheet
212Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG58
PE4069 PASTERNACK-PE4069 Datasheet
252Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG58
PE4215 PASTERNACK-PE4215 Datasheet
262Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG58
PE4156 PASTERNACK-PE4156 Datasheet
268Kb / 3P
TNC Male Connector Crimp - Solder Attachment For RG58
PE4350 PASTERNACK-PE4350 Datasheet
244Kb / 2P
MHV Male Connector Crimp - Solder Attachment For RG214, RG9
PE4075 PASTERNACK-PE4075_17 Datasheet
363Kb / 3P
MHV Male Connector Crimp/Solder Attachment
PE4093 PASTERNACK-PE4093_16 Datasheet
362Kb / 3P
MHV Male Connector Crimp/Solder Attachment
PE4350 PASTERNACK-PE4350_16 Datasheet
354Kb / 3P
MHV Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com