Electronic Components Datasheet Search
  English  ▼

X  

SC4215J Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4215J
Description  Very Low Input /Very Low Dropout 2 Amp Regulator With Soft-Start
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4215J Datasheet(HTML) 3 Page - Semtech Corporation

  SC4215J Datasheet HTML 1Page - Semtech Corporation SC4215J Datasheet HTML 2Page - Semtech Corporation SC4215J Datasheet HTML 3Page - Semtech Corporation SC4215J Datasheet HTML 4Page - Semtech Corporation SC4215J Datasheet HTML 5Page - Semtech Corporation SC4215J Datasheet HTML 6Page - Semtech Corporation SC4215J Datasheet HTML 7Page - Semtech Corporation SC4215J Datasheet HTML 8Page - Semtech Corporation SC4215J Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SC4215J

Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JESD22-A114-B.
(2) Calculated from package in still air, mounted to ” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VIN, EN, VO, FB to GND (V) . . . . . . . . . . . . . . . . . . -0. to +7.0
Power Dissipation. . . . . . . . . . . . . . . . . . . . . Internally Limited
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Recommended Operating Conditions
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.4 < V
IN < 6.0
Junction Temperature Range (°C). . . . . . . . . -40 <T
J < +125
Maximum Output Current (A) . . . . . . . . . . . . . . . . . . . . . . . . .2
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 6
Thermal Resistance, Junc to Case(2) (°C/W). . . . . . . . . . . . 5.5
Maximum Junction Temperature (°C) . . . . . . . . . . . . . .+150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 0s) (°C) . . . . . . +260
Unless specified: V
EN = VIN, VFB = VO, VIN = 1.40V to 6.0V, IO = 10µA to 2A, TJ = 25° C.
Values in bold apply over the full operating temperature range.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
V
IN Operating Range
(1)
1.4
6.0
V
Quiescent Current
I
Q
V
IN = .V, IO = 0A
3
mA
V
IN = 6.0V, VEN =0V
10
50
µA
Dropout Voltage(2)()
V
DO
I
O =1A
1.4V ≤ V
IN < 1.6V
90
400
mV
1.6V ≤ V
IN ≤ 6.0V
200
I
O =1.5A
1.4V ≤ V
IN < 1.6V
200
500
1.6V ≤ V
IN ≤ 6.0V
300
I
O = 2A
1.4V ≤ V
IN < 1.6V
00
600
1.6V ≤ V
IN ≤ 6.0V
400
Minimum Load Current(4)
I
O
10
µA
Current Limit
I
CL
2.1

4.4
A
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com