Electronic Components Datasheet Search
  English  ▼

X  

PE4210 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4210
Description  BNC Male Connector Crimp/Solder Attachment For PE-B305
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4210 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4210 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4210 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Male Connector Crimp/Solder Attachment For PE-B305
Configuration
Connector
BNC Male
Connector Interface Type
PE-B305
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.125 [28.58]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
BNC Male Connector Crimp/Solder Attachment For PE-B305 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male Connector Crimp/Solder Attachment For PE-B305 PE4210
URL: http://www.pasternack.com/bnc-male-standard-pe-b305-connector-pe4210-p.aspx
PE4210
PE4210 REV
BNC Male Connector Crimp/Solder Attachment For PE-B305


Similar Part No. - PE4210

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
logo
Pasternack Enterprises,...
PE4210 PASTERNACK-PE4210 Datasheet
321Kb / 3P
BNC Male Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE4210-EK PEREGRINE-PE4210-EK Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
logo
Pasternack Enterprises,...
PE4210 PASTERNACK-PE4210_16 Datasheet
321Kb / 3P
BNC Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4210

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4247 PASTERNACK-PE4247 Datasheet
253Kb / 2P
BNC Male Connector Crimp/Solder Attachment For PE-B150, RG180, RG195
PE4633 PASTERNACK-PE4633 Datasheet
222Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B150
PE4379 PASTERNACK-PE4379 Datasheet
318Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG8X,PE-C240
PE4634 PASTERNACK-PE4634 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B305
PE4642 PASTERNACK-PE4642 Datasheet
212Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp/ Solder Attachment For PE-B305, .480 inch D Hole
PE44294 PASTERNACK-PE44294 Datasheet
170Kb / 2P
BNC Male Connector Crimp-Solder Attachment For LMR-400, PE-C400
PE4044 PASTERNACK-PE4044_16 Datasheet
361Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4247 PASTERNACK-PE4247_17 Datasheet
370Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4381 PASTERNACK-PE4381_16 Datasheet
353Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4382 PASTERNACK-PE4382_16 Datasheet
357Kb / 3P
BNC Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com