Electronic Components Datasheet Search
  English  ▼

X  

PE4235 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4235
Description  BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4235 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4235 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4235 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax
Configuration
Connector
BNC Twinax Jack
Connector Specification
MIL-C-39012
Connector Interface Type
RG108,78 Ohm Twinax
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
78
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.6 [40.64]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
BNC Twinax Jack
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax PE4235
URL: http://www.pasternack.com/bnc-twinax-jack-standard-rg108-78-ohm-twinax-connector-pe4235-p.aspx
PE4235
PE4235 REV
BNC Twinax Jack Connector Crimp/Solder
Attachment For RG108, 78 Ohm Twinax


Similar Part No. - PE4235

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235 Datasheet
318Kb / 3P
BNC Twinax Jack Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE4235-EK PEREGRINE-PE4235-EK Datasheet
288Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Peregrine Semiconductor
PE42359 PSEMI-PE42359 Datasheet
477Kb / 14P
SPDT UltraCMOS짰 RF Switch 10 MHz ??3 GHz
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235_16 Datasheet
318Kb / 3P
BNC Twinax Jack Connector Crimp/Solder Attachment
More results

Similar Description - PE4235

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4236 PASTERNACK-PE4236 Datasheet
328Kb / 2P
BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE44114 PASTERNACK-PE44114 Datasheet
223Kb / 2P
BNC Twinax Jack Bulkhead Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax, .480 inch D Hole
PE4234 PASTERNACK-PE4234 Datasheet
319Kb / 2P
BNC Twinax Plug Connector Crimp - Solder Attachment For RG108, 78 Ohm Twinax
PE3480LF PASTERNACK-PE3480LF Datasheet
664Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable Using 78 Ohm RG108 Coax, RoHS
PE3480LF-900 PASTERNACK-PE3480LF-900 Datasheet
649Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 900 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE4234 PASTERNACK-PE4234_17 Datasheet
422Kb / 3P
BNC Twinax Plug Connector Crimp/Solder Attachment
PE4235 PASTERNACK-PE4235_16 Datasheet
318Kb / 3P
BNC Twinax Jack Connector Crimp/Solder Attachment
PE4237 PASTERNACK-PE4237_16 Datasheet
319Kb / 3P
BNC Twinax Jack Connector Clamp/Solder Attachment
PE4324 PASTERNACK-PE4324_16 Datasheet
323Kb / 3P
BNC Twinax Jack Connector Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com