Electronic Components Datasheet Search
  English  ▼

X  

PE4265 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4265
Description  75 Ohm SMB Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4265 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4265 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4265 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Plug Right Angle Connector Clamp/Solder Attachment For RG180, RG195
Configuration
Connector
SMB Plug
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.725 [18.42]
Width/Dia., in [mm]
0.362 [9.19]
Height, in [mm]
0.643 [16.33]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
SMB Plug
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMB Plug Right Angle Connector Clamp/Solder Attachment For RG180, RG195 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Plug Right Angle Connector Clamp/Solder Attachment For RG180, RG195 PE4265
URL: http://www.pasternack.com/smb-plug-standard-rg180-rg195-connector-pe4265-p.aspx
PE4265
PE4265 REV
75 Ohm SMB Plug Right Angle Connector Clamp/
Solder Attachment For RG180, RG195


Similar Part No. - PE4265

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42650A PEREGRINE-PE42650A Datasheet
453Kb / 11P
SP3T High Power UltraCMOS RF Switch 30 MHz - 1000 MHz
PE42650AMLI PEREGRINE-PE42650AMLI Datasheet
453Kb / 11P
SP3T High Power UltraCMOS RF Switch 30 MHz - 1000 MHz
PE42650AMLI-Z PEREGRINE-PE42650AMLI-Z Datasheet
453Kb / 11P
SP3T High Power UltraCMOS RF Switch 30 MHz - 1000 MHz
logo
Peregrine Semiconductor
PE426525 PSEMI-PE426525 Datasheet
271Kb / 13P
Wideband support up to 60 GHz
PE426525A-X PSEMI-PE426525A-X Datasheet
271Kb / 13P
Wideband support up to 60 GHz
More results

Similar Description - PE4265

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PE4163 PASTERNACK-PE4163 Datasheet
257Kb / 2P
75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4162 PASTERNACK-PE4162 Datasheet
253Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG180, RG195
PE44444 PASTERNACK-PE44444 Datasheet
836Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp/ Solder Attachment For RG180, RG195
PE4267 PASTERNACK-PE4267 Datasheet
208Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4273 PASTERNACK-PE4273 Datasheet
208Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195
PE4157 PASTERNACK-PE4157 Datasheet
217Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG180, RG195
PE44446 PASTERNACK-PE44446 Datasheet
204Kb / 2P
75 Ohm SMB Positive Snap Plug Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4275 PASTERNACK-PE4275 Datasheet
209Kb / 2P
75 Ohm SMC Jack Connector Clamp-Solder Attachment For RG180, RG195
PE4158 PASTERNACK-PE4158 Datasheet
219Kb / 3P
75 Ohm SMC Plug Connector Crimp - Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com