Electronic Components Datasheet Search
  English  ▼

X  

PE4278 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4278
Description  SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4278 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4278 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4278 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
Configuration
Connector
SMC Jack
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.725 [18.42]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMC Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch
D Hole PE4278
URL: http://www.pasternack.com/smc-jack-standard-rg174-rg316-rg188-connector-pe4278-p.aspx
PE4278
PE4278 REV
SMC Jack Bulkhead Connector Clamp/Solder Attachment
For RG174, RG316, RG188, .177 inch D Hole


Similar Part No. - PE4278

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Pasternack Enterprises,...
PE4270 PASTERNACK-PE4270 Datasheet
838Kb / 2P
SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
logo
Peregrine Semiconductor
PE4270 PSEMI-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS Switch
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS
logo
Integrated Circuit Syst...
PE4270-EK ICST-PE4270-EK Datasheet
296Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
More results

Similar Description - PE4278

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4270 PASTERNACK-PE4270 Datasheet
838Kb / 2P
SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE44093 PASTERNACK-PE44093 Datasheet
162Kb / 1P
SHV JACK BULKHEAD CLAMP ATTACHMENT FOR RG174 RG188 RG316
PE4276 PASTERNACK-PE4276 Datasheet
262Kb / 2P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4279 PASTERNACK-PE4279 Datasheet
226Kb / 3P
SMC JACK BULKHEAD CONNECTOR CLAMP/SOLDER ATTACHMENT FOR RG178 RG196,. 177 INCH D HOLE
PE4095 PASTERNACK-PE4095 Datasheet
265Kb / 2P
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44373 PASTERNACK-PE44373 Datasheet
205Kb / 2P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44388 PASTERNACK-PE44388 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4201 PASTERNACK-PE4201 Datasheet
309Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE45157 PASTERNACK-PE45157 Datasheet
361Kb / 3P
SMC Jack Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .177 inch D Hole
PE44405 PASTERNACK-PE44405 Datasheet
335Kb / 2P
SSMA Female Bulkhead Mount Connector Solder Attachment for RG174, RG316, RG188, .177 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com