Electronic Components Datasheet Search
  English  ▼

X  

PE4310 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4310
Description  BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4310 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4310 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4310 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4310 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
Configuration
Connector
BNC Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.15 [29.21]
Width/Dia., in [mm]
0.688 [17.48]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
BNC Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D
Hole PE4310
PE4310
PE4310 REV
BNC Female Bulkhead Connector Clamp/Solder
Attachment For RG59, RG62, .480 inch D Hole


Similar Part No. - PE4310

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4311 PASTERNACK-PE4311 Datasheet
243Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PE4311 PASTERNACK-PE4311 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4311 PASTERNACK-PE4311_16 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4312 PASTERNACK-PE4312 Datasheet
239Kb / 2P
MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole
logo
Peregrine Semiconductor
PE4312 PSEMI-PE4312 Datasheet
633Kb / 13P
PE4312
More results

Similar Description - PE4310

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4697 PASTERNACK-PE4697 Datasheet
854Kb / 2P
RP TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4465 PASTERNACK-PE4465 Datasheet
258Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4750 PASTERNACK-PE4750 Datasheet
259Kb / 2P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4309 PASTERNACK-PE4309 Datasheet
256Kb / 2P
BNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4637 PASTERNACK-PE4637 Datasheet
288Kb / 3P
75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG59, .480 inch D Hole
PE4749 PASTERNACK-PE4749 Datasheet
273Kb / 2P
RP BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4315 PASTERNACK-PE4315 Datasheet
302Kb / 2P
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4966 PASTERNACK-PE4966 Datasheet
228Kb / 2P
C Female Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .720 inch D Hole
PE44098 PASTERNACK-PE44098 Datasheet
223Kb / 2P
C Female Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .596 inch D Hole
PE4464 PASTERNACK-PE4464 Datasheet
228Kb / 3P
TNC Female Bulkhead Connector Clamp - Solder Attachment For RG59, RG62, .480 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com