Electronic Components Datasheet Search
  English  ▼

X  

PE4313 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4313
Description  MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4313 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4313 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4313 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4313 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142,
RG223, RG400, .500 inch Threaded Hole Spacing
Configuration
Connector
MHV Female
Connector Interface Type
RG55,RG58,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.5 [38.1]
Width/Dia., in [mm]
0.687 [17.45]
Height, in [mm]
0.687 [17.45]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
MHV Female
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141,
RG142, RG223, RG400, .500 inch Threaded Hole Spacing PE4313
PE4313
PE4313 REV
MHV Female Connector Clamp/Solder Attachment
4 Hole Flange For RG55, RG58, RG141, RG142,
RG223, RG400, .500 inch Threaded Hole Spacing


Similar Part No. - PE4313

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4310 PASTERNACK-PE4310 Datasheet
228Kb / 3P
BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4311 PASTERNACK-PE4311 Datasheet
243Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PE4311 PASTERNACK-PE4311 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4311 PASTERNACK-PE4311_16 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4312 PASTERNACK-PE4312 Datasheet
239Kb / 2P
MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole
More results

Similar Description - PE4313

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4066 PASTERNACK-PE4066 Datasheet
270Kb / 2P
TNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PE4072 PASTERNACK-PE4072 Datasheet
306Kb / 2P
N Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4969 PASTERNACK-PE4969 Datasheet
280Kb / 3P
C Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142,RG223, RG400, .718 inch Hole Spacing
PE4056 PASTERNACK-PE4056 Datasheet
262Kb / 2P
BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PE4058 PASTERNACK-PE4058 Datasheet
299Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4225 PASTERNACK-PE4225 Datasheet
296Kb / 2P
MHV Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4035 PASTERNACK-PE4035 Datasheet
583Kb / 2P
SMA Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142, RG223, RG400, .340 inch Hole Spacing
PE4076 PASTERNACK-PE4076 Datasheet
871Kb / 2P
MHV Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4765 PASTERNACK-PE4765 Datasheet
283Kb / 3P
RP BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142,RG223, RG400, .500 inch Threaded Hole Spacing
PE4068 PASTERNACK-PE4068 Datasheet
300Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com