Electronic Components Datasheet Search
  English  ▼

X  

PE4324 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4324
Description  BNC Twinax Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4324 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4324 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4324 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Twinax Jack Connector Solder Attachment 4 Hole Flange
Solder Cup Terminal, .500 inch Threaded Hole Spacing
BNC Twinax Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded
Hole Spacing
Configuration
Connector
BNC Twinax Jack
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
78
Mechanical Specifications
Size
Length, in [mm]
1.03 [26.16]
Width/Dia., in [mm]
0.687 [17]
Height, in [mm]
0.687 [17.45]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
BNC Twinax Jack
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-twinax-jack-standard-solder-cup-terminal-connector-pe4324-p.aspx
BNC Twinax Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing from
Pasternack Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the
industry’s broadest selection of RF, microwave and fiber optic products.
PE4324
PE4324 REV


Similar Part No. - PE4324

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4324 PASTERNACK-PE4324 Datasheet
323Kb / 3P
BNC Twinax Jack Connector Solder Attachment
PE4324 PASTERNACK-PE4324_16 Datasheet
323Kb / 3P
BNC Twinax Jack Connector Solder Attachment
More results

Similar Description - PE4324

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4010 PASTERNACK-PE4010 Datasheet
250Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4617 PASTERNACK-PE4617 Datasheet
282Kb / 2P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4394 PASTERNACK-PE4394 Datasheet
237Kb / 2P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal .500 inch Hole Spacing
PE4763 PASTERNACK-PE4763 Datasheet
238Kb / 2P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4756 PASTERNACK-PE4756 Datasheet
210Kb / 3P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4501 PASTERNACK-PE4501 Datasheet
229Kb / 3P
SHV Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4064 PASTERNACK-PE4064 Datasheet
243Kb / 2P
TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4064SP PASTERNACK-PE4064SP Datasheet
284Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4705 PASTERNACK-PE4705 Datasheet
214Kb / 3P
RP TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4228 PASTERNACK-PE4228 Datasheet
252Kb / 2P
MHV Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com