Electronic Components Datasheet Search
  English  ▼

X  

PE4085 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4085
Description  SMA Male Connector Clamp/Solder Attachment For PE-P195
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4085 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4085 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4085 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4085 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Connector Clamp/Solder Attachment For PE-P195
Configuration
Connector
SMA Male
Connector Specification
MIL-C-39012
Connector Interface Type
PE-P195
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.34 [34.04]
Width/Dia., in [mm]
0.375 [9.53]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Clamp/Solder Attachment For PE-P195 PE4085
PE4085
PE4085 REV
SMA Male Connector Clamp/Solder Attachment For PE-P195


Similar Part No. - PE4085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4085 PASTERNACK-PE4085 Datasheet
320Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4085 PASTERNACK-PE4085_16 Datasheet
320Kb / 3P
SMA Male Connector Clamp/Solder Attachment
More results

Similar Description - PE4085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44203 PASTERNACK-PE44203 Datasheet
214Kb / 2P
SMA Male Connector Crimp/Solder Attachment For PE-P195
PE4918 PASTERNACK-PE4918 Datasheet
217Kb / 2P
SMA Male Connector Solder Attachment For PE-020SR
PE45012 PASTERNACK-PE45012 Datasheet
340Kb / 3P
Reverse Polarity SMA Male Right Angle Connector Crimp/ Solder Attachment for RG58, RG141, PE-C195, PE-P195
PE4026 PASTERNACK-PE4026_16 Datasheet
359Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4027 PASTERNACK-PE4027_16 Datasheet
359Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4085 PASTERNACK-PE4085_16 Datasheet
320Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4332 PASTERNACK-PE4332_16 Datasheet
365Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4399 PASTERNACK-PE4399_16 Datasheet
396Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4400 PASTERNACK-PE4400_16 Datasheet
357Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE45140 PASTERNACK-PE45140 Datasheet
356Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com