Electronic Components Datasheet Search
  English  ▼

X  

PE4139 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4139
Description  N Female Bulkhead Connector Solder Attachment Pin Terminal, .640 inch DD Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4139 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4139 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4139 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4139 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female Bulkhead Connector Solder Attachment
Pin Terminal, .640 inch DD Hole
N Female Bulkhead Connector Solder Attachment Pin Terminal, .640 inch DD Hole
Configuration
Connector
N Female
Connector Specification
MIL-STD-348A
Connector Interface Type
Pin
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.572 [39.93]
Width/Dia., in [mm]
0.807 [21]
Weight, lbs [g]
0.096 [43.54]
Connector
Type
N Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-standard-pin-terminal-connector-pe4139-p.aspx
N Female Bulkhead Connector Solder Attachment Pin Terminal, .640 inch DD Hole from Pasternack Enterprises has same
day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead Connector Solder Attachment Pin Terminal, .640 inch DD Hole PE4139
PE4139
PE4139 REV


Similar Part No. - PE4139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4139 PASTERNACK-PE4139 Datasheet
346Kb / 3P
N Female Bulkhead Mount Connector Solder Attachment Pin Terminal
PE4139 PASTERNACK-PE4139_16 Datasheet
346Kb / 3P
N Female Bulkhead Mount Connector Solder Attachment Pin Terminal
More results

Similar Description - PE4139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4137 PASTERNACK-PE4137 Datasheet
258Kb / 3P
N Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE4297 PASTERNACK-PE4297 Datasheet
228Kb / 3P
N Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .640 inch DD Hole
PE44528 PASTERNACK-PE44528 Datasheet
260Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C195, 0.195 inch, .640 inch DD Hole
PE44531 PASTERNACK-PE44531 Datasheet
218Kb / 3P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, .640 inch DD Hole
PE4505 PASTERNACK-PE4505 Datasheet
207Kb / 2P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4442 PASTERNACK-PE4442 Datasheet
227Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .640 inch DD Hole
PE4489 PASTERNACK-PE4489 Datasheet
259Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE44397 PASTERNACK-PE44397 Datasheet
224Kb / 2P
N Female Bulkhead Connector Solder Attachment Thru Hole PCB, .640 inch DD Hole
PE44767 PASTERNACK-PE44767 Datasheet
219Kb / 2P
N Female Bulkhead Connector Crimp-Solder Attachment For LMR-200, .640 inch DD Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com