Electronic Components Datasheet Search
  English  ▼

X  

PE4361 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4361
Description  SMC JACK CONNECTOR CLAMP/SOLDER ATTACHMENT FOR PE-SR405AL, PE-SR405FL,RG405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4361 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4361 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4361 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMC Jack Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
SMC Jack
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.554 [14.07]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SMC Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMC Jack Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 PE4361
URL:
http://www.pasternack.com/smc-jack-standard-pe-sr405al-pe-sr405fl-rg405-connector-pe4361-p.aspx
PE4361
PE4361 REV
SMC Jack Connector Clamp/Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405


Similar Part No. - PE4361

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4360 PASTERNACK-PE4360 Datasheet
120Kb / 1P
SMB JACK SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL &PE-SR405FL
logo
Peregrine Semiconductor...
PE43601 PEREGRINE-PE43601 Datasheet
394Kb / 13P
RF Digital Attenuator 6-bit, 15.75dB, DC-6.0 GHz
logo
Peregrine Semiconductor
PE43601 PSEMI-PE43601 Datasheet
413Kb / 13P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43601 PEREGRINE-PE43601 Datasheet
413Kb / 13P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
50 廓 RF Digital Attenuator
More results

Similar Description - PE4361

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4130 PASTERNACK-PE4130 Datasheet
105Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4360 PASTERNACK-PE4360 Datasheet
120Kb / 1P
SMB JACK SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL &PE-SR405FL
PE4984 PASTERNACK-PE4984 Datasheet
262Kb / 3P
3.5mm Female Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4142 PASTERNACK-PE4142 Datasheet
104Kb / 1P
TNC MALE, SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PE4362 PASTERNACK-PE4362 Datasheet
231Kb / 3P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44458 PASTERNACK-PE44458 Datasheet
215Kb / 3P
MMCX Jack Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4357 PASTERNACK-PE4357 Datasheet
208Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4359 PASTERNACK-PE4359 Datasheet
218Kb / 3P
SMC Plug Right Angle Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44977 PASTERNACK-PE44977 Datasheet
222Kb / 3P
SMC Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44345 PASTERNACK-PE44345 Datasheet
588Kb / 3P
2.4mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com