Electronic Components Datasheet Search
  English  ▼

X  

PE4374 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4374
Description  C Female Connector Crimp/Solder Attachment 4 Hole Flange For RG214,RG9,RG225,RG393, .718 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4374 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4374 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4374 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4374 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
C Female Connector Crimp/Solder Attachment 4 Hole Flange For RG214, RG9, RG225, RG393, .718 inch
Hole Spacing
Configuration
Connector
C Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG214,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.553 [39.45]
Width/Dia., in [mm]
1 [25.40]
Height, in [mm]
1 [25.4]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
C Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Female Connector Crimp/Solder Attachment 4 Hole Flange For RG214, RG9, RG225,
RG393, .718 inch Hole Spacing PE4374
PE4374
PE4374 REV
C Female Connector Crimp/Solder Attachment 4 Hole Flange
For RG214, RG9, RG225, RG393, .718 inch Hole Spacing


Similar Part No. - PE4374

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4370 PASTERNACK-PE4370 Datasheet
235Kb / 2P
SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE4370 PASTERNACK-PE4370 Datasheet
670Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Tab Terminal, .481 inch Hole Spacing
logo
Peregrine Semiconductor...
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
Peregrine Semiconductor
PE43701 PSEMI-PE43701 Datasheet
413Kb / 13P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43701MLI PEREGRINE-PE43701MLI Datasheet
404Kb / 13P
50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
More results

Similar Description - PE4374

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4060 PASTERNACK-PE4060 Datasheet
327Kb / 2P
N Female Connector Clamp/Solder (Captive Contact) Attachment 4 Hole Flange For RG213, RG214, RG8, RG9, RG11, RG225, RG393, .718 inch Hole Sp
PE44112 PASTERNACK-PE44112 Datasheet
282Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG213, RG214, RG8, RG9, RG11 RG225, RG393, .718 inch Hole Spacing
PE4474 PASTERNACK-PE4474 Datasheet
263Kb / 2P
HN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4375 PASTERNACK-PE4375 Datasheet
247Kb / 2P
C Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4352 PASTERNACK-PE4352 Datasheet
220Kb / 2P
GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4932 PASTERNACK-PE4932 Datasheet
215Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE4941 PASTERNACK-PE4941 Datasheet
266Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE4967 PASTERNACK-PE4967 Datasheet
241Kb / 3P
C Female Connector Clamp-Solder Attachment 4 Hole Flange For RG213, RG214, RG8, RG9, RG11, RG225, RG393, .718 inch Hole Spacing
PE44066 PASTERNACK-PE44066 Datasheet
216Kb / 3P
N Female Connector Crimp-Solder Attachment 4 Hole Flange For RG214, RG9, RG225, RG393, .718 inch Hole Spacing
PE44477 PASTERNACK-PE44477 Datasheet
204Kb / 2P
RP N Female Connector Crimp-Solder Attachment For RG214, RG9, RG225, RG393
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com