Electronic Components Datasheet Search
  English  ▼

X  

PE4414 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4414
Description  SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4414 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4414 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4414 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Crimp/Solder
Attachment For RG316, RG174, RG188
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348
Connector Interface Type
RG316,RG174,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Dielectric Withstanding Voltage, Vrms
750
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.81 [20.57]
Width/Dia., in [mm]
0.312 [8]
Weight, lbs [g]
0.008 [3.63]
Connector
Type
SMA Female
Mating Cycles
100
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-standard-rg316-rg174-rg188-connector-pe4414-p.aspx
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE4414
PE4414 REV


Similar Part No. - PE4414

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4414 PASTERNACK-PE4414 Datasheet
352Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE44140 PASTERNACK-PE44140 Datasheet
254Kb / 2P
SMC Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44141 PASTERNACK-PE44141 Datasheet
323Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .328 inch Hole Spacing
PE44142 PASTERNACK-PE44142 Datasheet
204Kb / 2P
SMB Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE44143 PASTERNACK-PE44143 Datasheet
235Kb / 2P
SMC Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
More results

Similar Description - PE4414

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4040 PASTERNACK-PE4040 Datasheet
89Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG174, RG188& RG316
PE4030 PASTERNACK-PE4030 Datasheet
256Kb / 2P
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE4797 PASTERNACK-PE4797 Datasheet
220Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4462 PASTERNACK-PE4462 Datasheet
300Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4188 PASTERNACK-PE4188 Datasheet
89Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 & RG316
PE4438 PASTERNACK-PE4438 Datasheet
280Kb / 2P
N Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4079 PASTERNACK-PE4079 Datasheet
281Kb / 3P
BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44184 PASTERNACK-PE44184 Datasheet
221Kb / 3P
RT SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44192 PASTERNACK-PE44192 Datasheet
217Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com