Electronic Components Datasheet Search
  English  ▼

X  

KBPC35W Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # KBPC35W
Description  Surge overload -240~500 Amperes peak
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

KBPC35W Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  KBPC35W Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd KBPC35W Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●Surge overload -240~500 Amperes peak
● Low forward voltage drop
● Mounting Position : Any
● Electrically isolated base -2000 Volts
● Solderable 0.25" FASTON terminals
● Materials used carries U/L recognition
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Resistive or inductive load 60Hz.
For capacitive load current by 20%
KBPC-W KBPC-W KBPC-W KBPC-W KBPC-W KBPC-W KBPC-W
10005
1001
1002
1004
1006
1008
1010
15005
1501
1502
1504
1506
1508
1510
25005
2501
2502
2504
2506
2508
2510
35005
3501
3502
3504
3506
3508
3510
50005
5001
5002
5004
5006
5008
5010
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current @TC=55℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop Per Element
at 5.0/7.5/12.5/17.5/25.0A Peak
Maximum Reverse Current at Rate
DC Blocking Voltage Per Element @TA=25℃
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
A
A
I(AV)
IFSM
KBPC10/15/25/35/50AW SERIES
UNIT
SYMBOL
CHARACTERISTICS
-55 to +125
-55 to +125
V
10
uA
NOTES:Also available on KBPC 10W/15W/25W/35W/50W series.
VF
IR
1.1
KBPC
10W
10
15
25
35
50
240
300
400
400
500
KBPC
15W
KBPC
25W
KBPC
35W
KBPC
50W
MB-25W
Dimensions in inches and (millimeters)
TYP
http://www.luguang.cn
Email:lge@luguang.cn


Similar Part No. - KBPC35W

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
KBPC35W CHENG-YI-KBPC35W Datasheet
129Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - KBPC35W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NL-740 ETC2-NL-740 Datasheet
270Kb / 2P
THYRATRON TUBES 4 Amperes dc - 50 Amperes Peak
logo
Kersemi Electronic Co.,...
MBR1010FCT KERSEMI-MBR1010FCT Datasheet
258Kb / 2P
Surge overload -240~500 amperes peak
logo
ON Semiconductor
SA15ARLG ONSEMI-SA15ARLG Datasheet
100Kb / 5P
500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
SA50ARLG ONSEMI-SA50ARLG Datasheet
100Kb / 5P
500 Watt Peak Power MiniMOSORBZener
October, 2009 ??Rev. 13
logo
Sangdest Microelectroni...
KMB12S SMC-KMB12S Datasheet
137Kb / 4P
Surge Overload Rating to 30A Peak
MB05S SMC-MB05S Datasheet
164Kb / 4P
Surge overload rating-30A peak
SS22A SMC-SS22A Datasheet
264Kb / 5P
Surge Overload Rating to 50A Peak
logo
DIYI Electronic Technol...
KMB32F DYELEC-KMB32F Datasheet
1Mb / 2P
Surge Overload Rating to 80A Peak
S34L DYELEC-S34L Datasheet
1Mb / 2P
Surge Overload Rating to 80A Peak
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
Short-circuit, surge, and overload-proof output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com