Electronic Components Datasheet Search
  English  ▼

X  

PE4419 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4419
Description  SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400, .235 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4419 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4419 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4419 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Bulkhead Connector Crimp/Solder Attachment
For RG55, RG142, RG223, RG400, .235 inch D Hole
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400, .235 inch
D Hole
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG55,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.005 [25.53]
Width/Dia., in [mm]
0.315 [8]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-standard-rg55-rg142-rg223-rg400-connector-pe4419-p.aspx
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400, .235 inch D Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the
industry’s broadest selection of RF, microwave and fiber optic products.
PE4419
PE4419 REV


Similar Part No. - PE4419

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4419 PASTERNACK-PE4419 Datasheet
354Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44190 PASTERNACK-PE44190 Datasheet
223Kb / 3P
RT SMA Female Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44191 PASTERNACK-PE44191 Datasheet
83Kb / 1P
REVERSE THREAD SMA FEMALE, CRIMP ATTACHMENT FOR RG58
PE44192 PASTERNACK-PE44192 Datasheet
217Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44193 PASTERNACK-PE44193 Datasheet
220Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG178, RG196
More results

Similar Description - PE4419

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4041 PASTERNACK-PE4041 Datasheet
92Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG55 RG58 RG142 RG223 RG400
PE4353 PASTERNACK-PE4353 Datasheet
116Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG55 RG58 RG142 RG223 & RG400
PE4153 PASTERNACK-PE4153 Datasheet
85Kb / 1P
TNC FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG55, RG142 RG223 & RG400
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE4793 PASTERNACK-PE4793 Datasheet
221Kb / 3P
RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4854 PASTERNACK-PE4854 Datasheet
229Kb / 3P
RP SMA Female Bulkhead Connector Clamp/ Solder Attachment For RG58, RG55, RG141,RG142, RG223, RG400, .235 inch D Hole
PE4855 PASTERNACK-PE4855 Datasheet
219Kb / 2P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
PE44605 PASTERNACK-PE44605 Datasheet
224Kb / 3P
QN Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400, .500 inch Diameter
PE44190 PASTERNACK-PE44190 Datasheet
223Kb / 3P
RT SMA Female Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44194 PASTERNACK-PE44194 Datasheet
211Kb / 2P
RT SMA Female Bulkhead Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com