Electronic Components Datasheet Search
  English  ▼

X  

PE4420 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4420
Description  SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4420 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4420 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE4420

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44200 PASTERNACK-PE44200 Datasheet
220Kb / 3P
RT SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44202 PASTERNACK-PE44202 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44203 PASTERNACK-PE44203 Datasheet
214Kb / 2P
SMA Male Connector Crimp/Solder Attachment For PE-P195
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
More results

Similar Description - PE4420

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4413 PASTERNACK-PE4413 Datasheet
107Kb / 1P
SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE44195 PASTERNACK-PE44195 Datasheet
86Kb / 1P
SMA REVERSE THREAD FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE4795 PASTERNACK-PE4795 Datasheet
84Kb / 1P
REVERSE POLARITY SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE44108 PASTERNACK-PE44108 Datasheet
226Kb / 3P
MHV Female Bulkhead Connector Crimp/Solder Attachment For RG58
PE4857 PASTERNACK-PE4857 Datasheet
86Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE4208 PASTERNACK-PE4208 Datasheet
83Kb / 1P
BNC FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44095 PASTERNACK-PE44095 Datasheet
85Kb / 1P
SMC JACK BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44191 PASTERNACK-PE44191 Datasheet
83Kb / 1P
REVERSE THREAD SMA FEMALE, CRIMP ATTACHMENT FOR RG58
PE45138 PASTERNACK-PE45138 Datasheet
353Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG58, RG303, LMR-195
PE4577 PASTERNACK-PE4577 Datasheet
303Kb / 1P
SMA MALE CRIMP ATTACHMENT FOR RG58
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com