Electronic Components Datasheet Search
  English  ▼

X  

PE4423 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4423
Description  SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4423 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4423 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE4423

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44230 PASTERNACK-PE44230 Datasheet
290Kb / 2P
2.92mm Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
PE44231 PASTERNACK-PE44231 Datasheet
284Kb / 2P
2.92mm Female Threaded Connector Field Replaceable Attachment 0.012 inch Pin
PE44232 PASTERNACK-PE44232 Datasheet
296Kb / 3P
2.92mm Male Connector Field Replaceable Attachment Hole Flange 0.012 inch Pin, .481 inch Hole Spacing
PE44233 PASTERNACK-PE44233 Datasheet
295Kb / 3P
2.92mm Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
PE44234 PASTERNACK-PE44234 Datasheet
203Kb / 2P
2.92mm Male Threaded Connector Field Replaceable Attachment 0.012 inch Pin
More results

Similar Description - PE4423

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4325 PASTERNACK-PE4325 Datasheet
283Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG178, RG196
PE4851 PASTERNACK-PE4851 Datasheet
101Kb / 1P
REVERSE POLARITY SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
PE4213 PASTERNACK-PE4213 Datasheet
103Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG178 & RG196
PE44404 PASTERNACK-PE44404 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG178 &RG196
PE44406 PASTERNACK-PE44406 Datasheet
113Kb / 1P
SSMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 & RG196
PE44406 PASTERNACK-PE44406 Datasheet
113Kb / 1P
SSMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE4863 PASTERNACK-PE4863 Datasheet
105Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 RG196
PE4591 PASTERNACK-PE4591 Datasheet
218Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG178, RG196
PE45004 PASTERNACK-PE45004 Datasheet
248Kb / 2P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG196, RG178
PE4592 PASTERNACK-PE4592 Datasheet
97Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com