Electronic Components Datasheet Search
  English  ▼

X  

PE4427 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4427
Description  SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4427 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4427 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4427 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Bulkhead Connector Crimp/Solder Attachment
For RG316, RG174, RG188, .235 inch D Hole
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
Configuration
Connector
SMA Female
Connector Interface Type
RG316,RG174,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.9 [22.86]
Width/Dia., in [mm]
0.312 [8]
Weight, lbs [g]
0.008 [3.63]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-standard-rg316-rg174-rg188-connector-pe4427-p.aspx
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s
broadest selection of RF, microwave and fiber optic products.
PE4427
PE4427 REV


Similar Part No. - PE4427

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4427 PASTERNACK-PE4427 Datasheet
471Kb / 5P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44270 PASTERNACK-PE44270 Datasheet
211Kb / 2P
75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .362 inch Diameter
PE44271 PASTERNACK-PE44271 Datasheet
217Kb / 3P
75 Ohm 1.6/5.6 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE44272 PASTERNACK-PE44272 Datasheet
218Kb / 2P
SMP Female Connector Solder Attachment For PE-SR405AL,PE-SR405FL RG405, 18 GHz Version
PE44273 PASTERNACK-PE44273 Datasheet
216Kb / 2P
SMP Female Connector Solder Attachment For PE- 047SR, PE-SR047AL, PE-SR047FL, 18 GHz Version
More results

Similar Description - PE4427

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44196 PASTERNACK-PE44196 Datasheet
261Kb / 3P
RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PE4858 PASTERNACK-PE4858 Datasheet
272Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4187 PASTERNACK-PE4187 Datasheet
211Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4188 PASTERNACK-PE4188 Datasheet
89Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 & RG316
PE4422 PASTERNACK-PE4422 Datasheet
219Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PE44507 PASTERNACK-PE44507 Datasheet
227Kb / 3P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .268 inch D Hole
PE4032 PASTERNACK-PE4032 Datasheet
282Kb / 2P
SMA Female Bulkhead Connector Clamp-Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE44643 PASTERNACK-PE44643 Datasheet
208Kb / 2P
SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG188, RG316, .252 inch D Hole
PE4859 PASTERNACK-PE4859 Datasheet
266Kb / 3P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com