Electronic Components Datasheet Search
  English  ▼

X  

PE4429 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4429
Description  N Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4429 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4429 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4429 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male Connector Crimp/Solder Attachment
For RG174, RG316, RG188
N Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
N Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.304 [33.12]
Width/Dia., in [mm]
0.827 [21]
Weight, lbs [g]
0.068 [30.84]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-standard-rg174-rg316-rg188-connector-pe4429-p.aspx
N Male Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day shipment
for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE4429
PE4429 REV


Similar Part No. - PE4429

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4429 PASTERNACK-PE4429 Datasheet
406Kb / 3P
N Male Connector Crimp/Solder Attachment
PE44290 PASTERNACK-PE44290 Datasheet
118Kb / 1P
7/16 MALE SOLDER/CLAMP ATTACHMENT FOR RG402, PE-SR402AL & PE-SR402FL
PE44291 PASTERNACK-PE44291 Datasheet
232Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment
PE44292 PASTERNACK-PE44292 Datasheet
989Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
More results

Similar Description - PE4429

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4933 PASTERNACK-PE4933 Datasheet
305Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4720 PASTERNACK-PE4720 Datasheet
274Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44351 PASTERNACK-PE44351 Datasheet
228Kb / 3P
10-32 Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4438 PASTERNACK-PE4438 Datasheet
280Kb / 2P
N Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44501 PASTERNACK-PE44501 Datasheet
223Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4043 PASTERNACK-PE4043 Datasheet
325Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44184 PASTERNACK-PE44184 Datasheet
221Kb / 3P
RT SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44379 PASTERNACK-PE44379 Datasheet
265Kb / 3P
SSMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com