Electronic Components Datasheet Search
  English  ▼

X  

ZXMD63C02X Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMD63C02X
Description  20V Dual N and P-Channel Enhancement Mode Mosfet
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMD63C02X Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMD63C02X Datasheet HTML 1Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 2Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 3Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 4Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 5Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 6Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 7Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 8Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
N-CHANNEL CHARACTERISTICS
0.1
10
100
0.0001
0.1
100
080
160
VDS - Drain-Source Voltage (V)
Safe Operating Area
0.1
10
100
DC
1s
100ms
D=0.1
D=0.2
120
60
D=0.05
0
Pulse Width (s)
Transient Thermal Impedance
1.4
0.8
0
T - Temperature (°)
Derating Curve
Refer Note (b)
Single Pulse
D=0.5
10ms
1ms
100us
Pulse Width (s)
100
40
80
20
0.01
10
0.001
1
160
80
0
0.0001
1000
0.001 0.01
0.1
1
10
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
D=0.05
Single Pulse
100
140
60
120
100
40
20
Refer Note (a)
1.2
0.6
1.0
0.4
0.2
60
140
20
40
100
120
1
1
Refer Note (a)
Refer Note (b)
Refer Note (a)
ZXMD63C02X
3
PROVISIONAL ISSUE A - JUNE 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com